Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-203 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG-203
Description  Photointerrupters(Transmissive)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG-203 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG-203 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG-203 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1-
SG-203
Photointerrupters(Transmissive)
Forward voltage
Input
Reverse current
Capacitance
Peak wavelength
Output
Collector dark current
Light current
C-E saturation voltage
Switching Rise time
speeds
Fall time
The SG-203 photointerrupter high-performance
standard type, combines high-output GaAs IRED with
high sensitive phototransistor.
FEATURES
•0.5mm aperture
•High-speed reponse
•Available for 2 type P.C.Bs.
•Widely applicable
APPLICATIONS
•Copiers
•Facsimiles
•Printers
•Edge sensors
•Floppy disk drives
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
PD
VR
IF
IFP
PC
IC
VCEO
VECO
Topr. *2
Tstg.
*2
100
5
60
1
100
40
30
5
-20~+85
-30~+85
mW
V
mA
A
mW
mA
V
V
Unit
(Ta=25℃)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=30mA
VR=5V
V=0, f=1KHz
VCE=10V
VCE=5V, IF=20mA
IF=30mA, IC=0.1mA
VCC=5V, IC=2mA
RL=100kΩ
Item
Typ.
1.2
25
940
5
5
VF
IR
Ct
λp
ICEO
IL
VCE(sat)
tr
tf
0.6
1.5
10
0.1
0.4
V
μA
pF
nm
μA
mA
V
μsec.
μsec.
Symbol
Conditions
Min.
Max.
Unit.
*1.tw≦100 μ
sec.period :T=10msec.
*2. The connector shall be inserted or pulled out at normal temperature
Power dissipation
Reverse voltage
Forward current
Pulse forward current *1
Collector power dissipation
Collector current
C-E voltage
E-C voltage
Operating temp.
Storage temp.
Input
Output


Similar Part No. - SG-203

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-204 KODENSHI-SG-204 Datasheet
280Kb / 2P
   Photointerrupters(Transmissive)
SG-205 KODENSHI-SG-205 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-206 KODENSHI-SG-206 Datasheet
258Kb / 2P
   Photointerrupters(Transmissive)
SG-207 KODENSHI-SG-207 Datasheet
264Kb / 2P
   Photointerrupters(Transmissive)
SG-209 KODENSHI-SG-209 Datasheet
262Kb / 2P
   Photointerrupters(Transmissive)
More results

Similar Description - SG-203

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG-205 KODENSHI-LG-205 Datasheet
183Kb / 2P
   Photointerrupters(Transmissive)
LG-206 KODENSHI-LG-206 Datasheet
189Kb / 2P
   Photointerrupters(Transmissive)
SG-205 KODENSHI-SG-205 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-226 KODENSHI-SG-226 Datasheet
249Kb / 2P
   Photointerrupters(Transmissive)
SG-233 KODENSHI-SG-233 Datasheet
258Kb / 2P
   Photointerrupters(Transmissive)
SG-244 KODENSHI-SG-244 Datasheet
263Kb / 2P
   Photointerrupters(Transmissive)
SG-248 KODENSHI-SG-248 Datasheet
260Kb / 2P
   Photointerrupters(Transmissive)
SG-256 KODENSHI-SG-256 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-258S KODENSHI-SG-258S Datasheet
276Kb / 2P
   Photointerrupters(Transmissive)
SG402 KODENSHI-SG402 Datasheet
224Kb / 2P
   Photointerrupters(Transmissive)
SG211V KODENSHI-SG211V Datasheet
257Kb / 2P
   Photointerrupters(Transmissive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com