Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD1600N10ALZ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDD1600N10ALZ
Description  Consumer Appliances
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD1600N10ALZ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDD1600N10ALZ Datasheet HTML 2Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 3Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 4Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 5Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 6Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 7Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 8Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 9Page - Fairchild Semiconductor FDD1600N10ALZ Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
FDD1600N10ALZ Rev. C3
www.fairchildsemi.com
6
Figure 14. Gate Charge Test Circuit & Waveform
Figure 15. Resistive Switching Test Circuit & Waveforms
Figure 16. Unclamped Inductive Switching Test Circuit & Waveforms
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VGS
IG = const.


Similar Part No. - FDD1600N10ALZ

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDD1600N10ALZ UMW-FDD1600N10ALZ Datasheet
624Kb / 6P
   100 V N-ChannelMOSFET
logo
Fairchild Semiconductor
FDD1600N10ALZD FAIRCHILD-FDD1600N10ALZD Datasheet
842Kb / 12P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
More results

Similar Description - FDD1600N10ALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Sciosense B.V.
ENS16X SCIOSENSE-ENS16X Datasheet
1Mb / 2P
   Versatile Digital Air Quality Sensors for Building Automation, Appliances & Consumer Applications
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
   LOUDSPEAKER APPLIANCES
logo
Silicon Laboratories
AN522 SILABS-AN522 Datasheet
1Mb / 8P
   TOUCHLESS LAVATORY APPLIANCES
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com