Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLG4S-3F3434V Datasheet(PDF) 3 Page - SICK AG

Part # WLG4S-3F3434V
Description  Photoelectric retro-reflective sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG4S-3F3434V Datasheet(HTML) 3 Page - SICK AG

  WLG4S-3F3434V Datasheet HTML 1Page - SICK AG WLG4S-3F3434V Datasheet HTML 2Page - SICK AG WLG4S-3F3434V Datasheet HTML 3Page - SICK AG WLG4S-3F3434V Datasheet HTML 4Page - SICK AG WLG4S-3F3434V Datasheet HTML 5Page - SICK AG WLG4S-3F3434V Datasheet HTML 6Page - SICK AG WLG4S-3F3434V Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/4/2016 1:54:37 AM
1) Limit values, reverse-polarity protected, operation in short-circuit protected network, max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4)
Signal transit time with resistive load 5) With light/dark ratio 1:1 6) Do not bend below 0 °C 7) A = VS connections reverse-polarity protected 8) B = inputs and output
reverse-polarity protected 9) C = interference suppression 10) At UV ≤ 24 V and IA < 30 mA
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
< 5 Vpp 2)
Power consumption:
≤ 30 mA 3)
Output type:
PNP
Switching mode:
Dark switching
Output current Imax.:
≤ 100 mA
Response time:
< 0.5 ms 4)
Switching frequency:
1,000 Hz 5)
Connection type:
Cable with connector M12, 4-pin, 150 mm 6)
Cable material:
PVC
Circuit protection:::
A
B
C 7) 8) 9)
Protection class:
III
Weight:
60 g
Polarisation filter:
ü
Housing material:
Stainless steel, Stainless steel 316L
Enclosure rating:
IP 66
IP 67
IP 68
IP 69K
Special feature:
For transparent objects
Ambient operating temperature:
-30 °C ... 60 °C, -30 °C ... 70 °C 10)
Ambient storage temperature:
-30 °C ... 75 °C
UL File No.:
NRKH.E181493 & NRKH7.E181493


Similar Part No. - WLG4S-3F3434V

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3F3435V SICK-WLG4S-3F3435V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WLG4S-3F3434V

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com