Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48100Q-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM48100Q-Q1
Description  Audio Power Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48100Q-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM48100Q-Q1 Datasheet HTML 1Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 2Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 3Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 4Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 5Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 6Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 7Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 8Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
VOLUME CONTROL
-80 dB TO +18 dB
MIXER/MULITPLEXER
I
2
C CONTROL
BIAS
FAULT
DETECTION
VDD
PVDD
+1.8V to +5.5V
I
2
CVDD
SDA
SCL
ADR
IN2
IN1
BIAS
GND
PGND
FAULT
OUTA
OUTB
VDD
+6 dB
0.1 PF
0.1 PF
0.1 PF
0.1 PF
2.2 PF
1.5 k:
1 PF
VOLUME CONTROL
-80 dB TO +18 dB
3.0V to 5.5V
CB
CB
CIN1
CIN2
CBIAS
CB
RPU
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM48100Q-Q1
SNAS470E – OCTOBER 2008 – REVISED NOVEMBER 2015
LM48100Q-Q1 Boomer™ Mono, 1.3-W Audio Power Amplifier With Output Fault Detection
and Volume Control
Operating from a single 5-V supply, the LM48100Q-
1 Features
Q1 delivers 1.3 W of continuous output power to an 8
1
Output Fault Detection
Ω load with < 1% THD+N. Flexible power supply
I2C Volume and Mode Control
requirements allow operation from 3 V to 5.5 V. High
power supply rejection ratio (PSRR), 74 dB at 1 kHz,
Input Mixer and Multiplexer
allows the device to operate in noisy environments
High PSRR
without additional power supply conditioning.
Individual 32-Step Volume Control
The LM48100Q-Q1 features dual audio inputs that
Short Circuit and Thermal Protection
can be mixed/multiplexed to the device output. Each
Advanced Click-and-Pop Suppression
input path has its own independent, 32-step volume
control. The mixer, volume control and device mode
Low-Power Shutdown Mode
select are controlled through an I2C compatible
Available in 14-Pin HTSSOP Package
interface. An open drain FAULT output indicates
Key Specifications:
when a fault has occurred. Comprehensive output
Output Power at VDD = 5 V, RL = 8 Ω,
short circuit and thermal overload protection prevent
the device from being damaged during a fault
THD+N
≤ 1% 1.3 W (Typical)
condition.
Quiescent Power Supply Current at 5 V,
6 mA (Typical)
A low power shutdown mode reduces supply current
consumption to 0.01 µA. Superior click and pop
PSRR at 1 kHz 74 dB (Typical)
suppression eliminates audible transients on power-
Shutdown current 0.01
μA (Typical)
up/down and during shutdown. The LM48100Q-Q1 is
available in an 14-pin HTSSOP PowerPAD™ IC
2 Applications
package.
Automotive Instrument Clusters
Device Information(1)
Hands-Free Car Kits
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Medical
LM48100Q-Q1
HTSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
3 Description
the end of the datasheet.
The LM48100Q-Q1 is a single supply, mono, bridge-
tied load amplifier with I2C volume control, ideal for
automotive applications. A comprehensive output
fault detection system senses the load conditions,
protecting the device during short circuit events, as
well as detecting open circuit conditions.
Typical Audio Amplifier Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM48100Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q TI-LM48100Q Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
National Semiconductor ...
LM48100QMH NSC-LM48100QMH Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100QMH TI-LM48100QMH Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
National Semiconductor ...
LM48100QMHE NSC-LM48100QMHE Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
More results

Similar Description - LM48100Q-Q1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com