Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48560 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM48560
Description  Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48560 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM48560 Datasheet HTML 2Page - Texas Instruments LM48560 Datasheet HTML 3Page - Texas Instruments LM48560 Datasheet HTML 4Page - Texas Instruments LM48560 Datasheet HTML 5Page - Texas Instruments LM48560 Datasheet HTML 6Page - Texas Instruments LM48560 Datasheet HTML 7Page - Texas Instruments LM48560 Datasheet HTML 8Page - Texas Instruments LM48560 Datasheet HTML 9Page - Texas Instruments LM48560 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SDA
SCL
S
P
START condition
STO
P condition
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics VDD = 3.6 V (continued)
The following specifications apply for RL = 1.5 μF + 10 Ω, CBST = 1 μF, CIN = 0.47 μF, CSET = 100 nF, AV = 24 dB unless
otherwise specified. Limits apply for TA = 25 °C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN (3)
TYP (4)
MAX (3)
UNIT
TA
Attack time
ATK1:ATK0 = 00, CSET = 100 nF
0.83
ms
TR
Release time
RLT1:RLT0 = 00, CSET = 100 nF
0.5
s
Boost converter switching
fSW
2
MHz
frequency
ILIMIT
Boost converter current limit
1.5
A
VIH
Logic high input threshold
SHDN
1.4
V
VIL
Logic low input threshold
SHDN
0.5
V
IIN
Input leakage current
SHDN
0.1
0.2
μA
6.5 I
2C Interface Characteristics
The following specifications apply for RPU = 1 kΩ to VDD, SW/HW = 1 (Software Mode) unless otherwise specified. Limits
apply for TA = 25 °C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN (3)
TYP (4)
MAX (3)
UNIT
VIH
Logic Input High Threshold
SDA, SCL
1.1
V
VIL
Logic Input Low Threshold
SDA, SCL
0.5
V
SCL Frequency
400
kHz
t1
SCL Period
2.5
μs
t2
SDA Setup Time
250
ns
t3
SDA Stable Time
250
ns
t4
Start Condition Time
250
ns
t5
Stop Condition Time
250
ns
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = 25 ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Charge device model, applicable std. JESD22-C101-C.
Figure 1. I2C Timing Diagram
Figure 2. Start and Stop Diagram
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM48560


Similar Part No. - LM48560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560 TI1-LM48560 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48560TL TI1-LM48560TL Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560TLX TI1-LM48560TLX Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
More results

Similar Description - LM48560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
Realtek Semiconductor C...
ALC269 REALTEK-ALC269_08 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
ALC269 REALTEK-ALC269_09 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com