Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4192 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4192
Description  Stereo Asynchronous Sample-Rate Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4192 Datasheet(HTML) 5 Page - Texas Instruments

  SRC4192 Datasheet HTML 1Page - Texas Instruments SRC4192 Datasheet HTML 2Page - Texas Instruments SRC4192 Datasheet HTML 3Page - Texas Instruments SRC4192 Datasheet HTML 4Page - Texas Instruments SRC4192 Datasheet HTML 5Page - Texas Instruments SRC4192 Datasheet HTML 6Page - Texas Instruments SRC4192 Datasheet HTML 7Page - Texas Instruments SRC4192 Datasheet HTML 8Page - Texas Instruments SRC4192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
SRC4192, SRC4193
www.ti.com
SBFS022C – JUNE 2003 – REVISED OCTOBER 2015
6.4 Thermal Information
SRC4192
SRC4193
THERMAL METRIC(1)
UNIT
DB (SSOP)
28 PINS
RθJA
Junction-to-ambient thermal resistance
78.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
38.1
°C/W
RθJB
Junction-to-board thermal resistance
39.3
°C/W
ψJT
Junction-to-top characterization parameter
7.1
°C/W
ψJB
Junction-to-board characterization parameter
38.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
All parameters specified with TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
(1)
Resolution
24
Bits
fSIN
Input sampling frequency
4
212
kHz
fSOUT
Output sampling frequency
4
212
kHz
Upsampling
1:16
Input: output sampling ratio
Downsampling
16:1
44.1 kHz; 48 kHz
140
48 kHz; 44.1 kHz
140
48 kHz; 96 kHz
140
44.1 kHz; 192 kHz
138
BW = 20 Hz to fSOUT/2, –60-dBFS Input
96 kHz; 48 kHz
141
Dynamic range
fIN = 1 kHz, Unweighted (add 3 dB to spec for A-
dB
192 kHz; 12 kHz
141
weighted result)
192 kHz; 32 kHz
141
192 kHz; 48 kHz
141
32 kHz; 48 kHz
140
12 kHz; 192 kHz
138
44.1 kHz; 48 kHz
–140
48 kHz; 44.1 kHz
–140
48 kHz; 96 kHz
–140
44.1 kHz; 192 kHz
–137
96 kHz; 48 kHz
–140
Total harmonic distortion +
BW = 20 Hz to fSOUT/2, 0-dBFS Input fIN = 1 kHz,
dB
noise
Unweighted
192 kHz; 12 kHz
–140
192 kHz; 32 kHz
–141
192 kHz; 48 kHz
–141
32 kHz; 48 kHz
–140
12 kHz; 192 kHz
–137
Interchannel gain mismatch
0
dB
Interchannel phase deviation
0
°
Minimum
0
Digital attenuation
Maximum
SRC4193 Only
–127.5
dB
Step Size
0.5
Mute attenuation
24-Bit Word Length, A-weighted
–144
dB
DIGITAL INTERPOLATION FILTER CHARACTERISTICS
Passband
0.4535 × fSIN
Hz
Passband ripple
±0.007
dB
Transition band
0.4535 × fSIN
0.5465 × fSIN
Hz
Stop band
0.5465 × fSIN
Hz
Stop band attenuation
–144
dB
(1)
Dynamic performance measured with an Audio Precision System Two Cascade or Cascade Plus.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SRC4192 SRC4193


Similar Part No. - SRC4192

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192 TI-SRC4192 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
More results

Similar Description - SRC4192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com