Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4192-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # SRC4192-Q1
Description  Stereo Asynchronous Sample-Rate Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4192-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SRC4192-Q1 Datasheet HTML 4Page - Texas Instruments SRC4192-Q1 Datasheet HTML 5Page - Texas Instruments SRC4192-Q1 Datasheet HTML 6Page - Texas Instruments SRC4192-Q1 Datasheet HTML 7Page - Texas Instruments SRC4192-Q1 Datasheet HTML 8Page - Texas Instruments SRC4192-Q1 Datasheet HTML 9Page - Texas Instruments SRC4192-Q1 Datasheet HTML 10Page - Texas Instruments SRC4192-Q1 Datasheet HTML 11Page - Texas Instruments SRC4192-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
20k
40k
96k
80k
60k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
0
20k
40k
96k
80k
60k
Frequency (Hz)
SRC4192-Q1
SLFS081A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Switching Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0.4 ×
tRCKIH
RCKI pulsewidth high
ns
tRCKIP
0.4 ×
tRCKIL
RCKI pulsewidth low
ns
tRCKIP
RESET TIMING
tRSTL
RST pulse width low
500
ns
INPUT SERIAL PORT TIMING
tLRIS
LRCKI to BCKI setup time
10
ns
tSIH
BCKI pulsewidth high
10
ns
tSIL
BCKI pulsewidth low
10
ns
tLDIS
SDIN data setup time
10
ns
tLDIH
SDIN data hold time
10
ns
OUTPUT SERIAL PORT TIMING
tDOPD
SDOUT data delay time
10
ns
tDOH
SDOUT data hold time
2
ns
tSOH
BCKO pulsewidth high
10
ns
tSOL
BCKO pulsewidth low
5
ns
TDM MODE TIMING
tLROS
LRCKO setup time
10
ns
tLROH
LRCKO hold time
10
ns
tTDMS
TDMI data setup time
10
ns
tTDMH
TDMI data hold time
10
ns
SPI TIMING
CCLK frequency
25
MHz
tCDS
CDATA setup time
12
ns
tCDH
CDATA hold time
8
ns
tCSCR
CS falling to CCLK rising
15
ns
tCFCS
CCLK falling to CS rising
12
ns
8.7 Typical Characteristics
At TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V, unless otherwise noted.
12 kHz:192 kHz
12 kHz:192 kHz
Figure 1. FFT With 1-kHz Input Tone at 0 dBFS
Figure 2. FFT With 1-kHz Input Tone at –60 dBFS
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SRC4192-Q1


Similar Part No. - SRC4192-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
More results

Similar Description - SRC4192-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com