Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4192IDBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4192IDBR
Description  Stereo Asynchronous Sample-Rate Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4192IDBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SRC4192IDBR Datasheet HTML 7Page - Texas Instruments SRC4192IDBR Datasheet HTML 8Page - Texas Instruments SRC4192IDBR Datasheet HTML 9Page - Texas Instruments SRC4192IDBR Datasheet HTML 10Page - Texas Instruments SRC4192IDBR Datasheet HTML 11Page - Texas Instruments SRC4192IDBR Datasheet HTML 12Page - Texas Instruments SRC4192IDBR Datasheet HTML 13Page - Texas Instruments SRC4192IDBR Datasheet HTML 14Page - Texas Instruments SRC4192IDBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
2.5
5k
7.5k
10k
16k
15k
12.5k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
0
2.5k
5k
7.5k
10k
16k
15k
12.5k
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
1k
2k
3k
4k
6k
5k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
0
1k
2k
3k
4k
6k
5k
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
20k
40k
96k
80k
60k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
0
20k
40k
96k
80k
60k
Frequency (Hz)
SRC4192, SRC4193
www.ti.com
SBFS022C – JUNE 2003 – REVISED OCTOBER 2015
Typical Characteristics (continued)
At TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V, unless otherwise noted.
96 kHz:192 kHz
96 kHz:192 kHz
Figure 21. FFT With 1-kHz Input Tone at 0 dBFS
Figure 22. FFT With 1-kHz Input Tone at –60 dBFS
192 kHz:12 kHz
192 kHz:12 kHz
Figure 23. FFT With 1-kHz Input Tone at 0 dBFS
Figure 24. FFT With 1-kHz Input Tone at –60 dBFS
192 kHz:32 kHz
192 kHz:32 kHz
Figure 25. FFT With 1-kHz Input Tone at 0 dBFS
Figure 26. FFT With 1-kHz Input Tone at –60 dBFS
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SRC4192 SRC4193


Similar Part No. - SRC4192IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDBRG4 TI-SRC4192IDBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4192IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com