Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT520L Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT520L
Description  8-Bit Identity Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT520L Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACT520L Datasheet HTML 1Page - National Semiconductor (TI) 54ACT520L Datasheet HTML 2Page - National Semiconductor (TI) 54ACT520L Datasheet HTML 3Page - National Semiconductor (TI) 54ACT520L Datasheet HTML 4Page - National Semiconductor (TI) 54ACT520L Datasheet HTML 5Page - National Semiconductor (TI) 54ACT520L Datasheet HTML 6Page - National Semiconductor (TI) 54ACT520L Datasheet HTML 7Page - National Semiconductor (TI) 54ACT520L Datasheet HTML 8Page - National Semiconductor (TI) 54ACT520L Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
’AC
2.0V to 6.0V
’ACT
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54AC/ACT
−55˚C to +125˚C
Minimum Input Edge Rate (
∆V/∆t)
’AC Devices
V
IN from 30% to 70% of VCC
V
CC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
∆V/∆t)
’ACT Devices
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACTcircuits outside databook specifications.
DC Characteristics for ’AC Family Devices
54AC
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
IH
Minimum High Level
3.0
2.1
V
OUT = 0.1V
Input Voltage
4.5
3.15
V
or V
CC − 0.1V
5.5
3.85
V
IL
Maximum Low Level
3.0
0.9
V
OUT = 0.1V
Input Voltage
4.5
1.35
V
or V
CC − 0.1V
5.5
1.65
V
OH
Minimum High Level
3.0
2.9
I
OUT = −50 µA
Output Voltage
4.5
4.4
V
5.5
5.4
(Note 2)
V
IN = VILor VIH
3.0
2.4
I
OH = −12 mA
4.5
3.7
V
I
OH = −24 mA
5.5
4.7
I
OH = −24 mA
V
OL
Maximum Low Level
3.0
0.1
I
OUT = 50 µA
Output Voltage
4.5
0.1
V
5.5
0.1
(Note 2)
V
IN = VILor VIH
3.0
0.50
I
OL =12mA
4.5
0.50
V
I
OL =24mA
5.5
0.50
I
OL =24mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
A Inputs Only
I
IH
Maximum Input
5.5
20.0
µA
V
I = VCC
High Leakage Current
B Inputs Only
www.national.com
4


Similar Part No. - 54ACT520L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT520 TI1-54ACT520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
More results

Similar Description - 54ACT520L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com