Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT521 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT521
Description  8-Bit Identity Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT521 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54ACT521 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT521 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT521 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT521 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT521 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT521 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT521 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT521 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT521 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics for ACT
Symbol
Parameter
VCC
TA = −55˚C to +125˚C
Units
(V)
CL = 50 pF
(Note 9)
Min
Max
tPLH
Propagation Delay
5.0
1.5
11.0
ns
An or Bn to OA = B
tPHL
Propagation Delay
5.0
1.5
12.0
ns
An or Bn to OA = B
tPLH
Propagation Delay
5.0
1.5
7.5
ns
IA = B to OA = B
tPHL
Propagation Delay
5.0
1.5
8.5
ns
IA = B to OA = B
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0V
www.national.com
5


Similar Part No. - 54ACT521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT520 TI1-54ACT520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
National Semiconductor ...
54ACT520D NSC-54ACT520D Datasheet
177Kb / 10P
   8-Bit Identity Comparator
54ACT520F NSC-54ACT520F Datasheet
177Kb / 10P
   8-Bit Identity Comparator
54ACT520L NSC-54ACT520L Datasheet
177Kb / 10P
   8-Bit Identity Comparator
More results

Similar Description - 54ACT521

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com