Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5404-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5404-Q1
Description  Analog Single-Ended Input 4-Channel Class-D Amp
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5404-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5404-Q1 Datasheet HTML 7Page - Texas Instruments TAS5404-Q1 Datasheet HTML 8Page - Texas Instruments TAS5404-Q1 Datasheet HTML 9Page - Texas Instruments TAS5404-Q1 Datasheet HTML 10Page - Texas Instruments TAS5404-Q1 Datasheet HTML 11Page - Texas Instruments TAS5404-Q1 Datasheet HTML 12Page - Texas Instruments TAS5404-Q1 Datasheet HTML 13Page - Texas Instruments TAS5404-Q1 Datasheet HTML 14Page - Texas Instruments TAS5404-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Power per Channel (W)
TAS5404-Q1 only
System Efficiency
C001
20
200
2k
20k
0.01
0.1
1
10
Frequency (Hz)
C003
20
200
2k
20k
-100
-90
-80
-70
-60
-50
-40
-30
-20
Frequency (Hz)
C006
0.01
0.1
1
10
0.1
1
10
100
Power (W)
C004
0.01
0.1
1
10
0.1
1
10
100
Power (W)
C005
TAS5404-Q1
www.ti.com
SLOS918A – AUGUST 2015 – REVISED OCTOBER 2015
7.7 Typical Characteristics
Figure 3. THD+N vs BTL Output Power at 1 kHz into 4
Ω
Figure 4. THD+N vs PBTL Output Power at 1 kHz into 2
Ω
Figure 5. THD+N vs Frequency at 1 W into 4
Ω
Figure 6. Crosstalk vs Frequency
Figure 7. Noise FFT
Figure 8. Efficiency
Four Channels at 4
Ω Each
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TAS5404-Q1


Similar Part No. - TAS5404-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5404-Q1 TI-TAS5404-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
More results

Similar Description - TAS5404-Q1

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
750-457 WAGO-750-457 Datasheet
468Kb / 12P
   4-channel analog input; 짹10 VDC; Single-ended
753-455 WAGO-753-455 Datasheet
568Kb / 12P
   4-channel analog input; 4 ??20 mA; Single-ended
753-457 WAGO-753-457 Datasheet
558Kb / 12P
   4-channel analog input; 짹10 VDC; Single-ended
logo
Texas Instruments
TAS5404-Q1 TI-TAS5404-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
logo
WAGO Kontakttechnik Gmb...
750-455-040-000 WAGO-750-455-040-000 Datasheet
568Kb / 12P
   4-channel analog input; 4 ??20 mA; Single-ended; Extreme
753-466 WAGO-753-466 Datasheet
572Kb / 11P
   2-channel analog input; 4 ??20 mA; Single-ended
750-473 WAGO-750-473 Datasheet
525Kb / 12P
   2-channel analog input; 4 ??20 mA; Single-ended
750-468 WAGO-750-468 Datasheet
417Kb / 12P
   4-channel analog input; 0 ... 10 VDC; Single-ended
750-466 WAGO-750-466 Datasheet
539Kb / 11P
   2-channel analog input; 4 ??20 mA; Single-ended
750-453 WAGO-750-453 Datasheet
419Kb / 12P
   4-channel analog input; 0 ??20 mA; Single-ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com