Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548DCA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCA
Description  8-Channel HD Compatible Audio Processor
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5548DCA Datasheet HTML 2Page - Texas Instruments TAS5548DCA Datasheet HTML 3Page - Texas Instruments TAS5548DCA Datasheet HTML 4Page - Texas Instruments TAS5548DCA Datasheet HTML 5Page - Texas Instruments TAS5548DCA Datasheet HTML 6Page - Texas Instruments TAS5548DCA Datasheet HTML 7Page - Texas Instruments TAS5548DCA Datasheet HTML 8Page - Texas Instruments TAS5548DCA Datasheet HTML 9Page - Texas Instruments TAS5548DCA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage, DVDD1 and DVDD2
–0.3
3.9
V
Supply voltage, AVDD and AVDD_PWM
–0.3
3.9
V
3.3-V digital input
–0.5
DVDD +
0.5
Input voltage
V
5-V tolerant(2) digital input
–0.5
6
IIK
Input clamp current (VI < 0 or VI > 1.8 V
±20
μA
IOK
Output clamp current (VO < 0 or VO > 1.8 V)
±20
μA
TSTG
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions are not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
5-V tolerant signals are RESET, PDN, MUTE, HP_SEL, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDIN3, SDIN4, SDA, and SCL.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
±250
V
all pins (1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
±1000
V
JESD22-C101, all pins (2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over 0°C to 85°C
MIN
NOM
MAX
UNIT
Digital supply voltage, DVDD1 and DVDD2
3
3.3
3.6
V
Analog supply voltage, AVDD and AVDD_PWM
3
3.3
3.6
V
3.3 V
2
VIH
High-level input voltage
5-V tolerant
2
V
1.8-V LVCMOS (XTL_IN)
1.26
3.3 V
0.8
VIL
Low-level input voltage
5-V tolerant
0.8
V
1.8-V (XTL_IN)
0.54
TA
Operating ambient-air temperature
0
25
85
°C
TJ
Operating junction temperature
0
105
°C
6.4 Thermal Information
TAS5548
THERMAL METRIC(1)
DCA (HTSSOP)
UNIT
56 PINS
RθJA
Junction-to-ambient thermal resistance
26.1
RθJCtop
Junction-to-case (top) thermal resistance
13.0
RθJB
Junction-to-board thermal resistance
8.0
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
7.9
RθJCbot
Junction-to-case (bottom) thermal resistance
0.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548


Similar Part No. - TAS5548DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5548DCA TI-TAS5548DCA Datasheet
1Mb / 120P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548DCA TI-TAS5548DCA Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
TAS5548DCAR TI-TAS5548DCAR Datasheet
1Mb / 120P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
More results

Similar Description - TAS5548DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5558 TI1-TAS5558 Datasheet
1Mb / 121P
[Old version datasheet]   8-Channel HD Compatible Audio Processor
TAS5548 TI-TAS5548 Datasheet
1Mb / 120P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558 Datasheet
1Mb / 122P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548 TI-TAS5548_15 Datasheet
1Mb / 116P
[Old version datasheet]   TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558_15 Datasheet
1Mb / 121P
[Old version datasheet]   TAS5558 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
logo
ON Semiconductor
B300AM ONSEMI-B300AM Datasheet
153Kb / 9P
   Audio Processor for AfterMaster HD
March, 2015 ??Rev. 0
B300W35A109A1G ONSEMI-B300W35A109A1G Datasheet
153Kb / 9P
   Audio Processor for AfterMaster HD
March, 2015 ??Rev. 0
logo
Texas Instruments
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com