Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUA6030 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TUA6030
Description  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TUA6030 Datasheet HTML 17Page - Infineon Technologies AG TUA6030 Datasheet HTML 18Page - Infineon Technologies AG TUA6030 Datasheet HTML 19Page - Infineon Technologies AG TUA6030 Datasheet HTML 20Page - Infineon Technologies AG TUA6030 Datasheet HTML 21Page - Infineon Technologies AG TUA6030 Datasheet HTML 22Page - Infineon Technologies AG TUA6030 Datasheet HTML 23Page - Infineon Technologies AG TUA6030 Datasheet HTML 24Page - Infineon Technologies AG TUA6030 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Functional Description
3 - 21
TUA6030, TUA6032
Wireless Components
Specification, July 2001
By means of control bit CP the pump current can be switched between two val-
ues by software. This programmability permits alteration of the control response
of the PLL in the locked-in state. In this way different VCO gains can be com-
pensated, for example.
The software controlled ports P0 to P7 are general purpose open-collector out-
puts. The test bits T2, T1, T0 =1, 0, 0 switch the test signals fdiv (divided input
signal) and fref (i.e.4 MHz / 64) to P4 and P5 respectively.
The lock detector resets the lock flag FL if the width of the charge pump current
pulses is greater than the period of the crystal oscillator (i.e. 250 ns). Hence, if
FL = 1, the maximum deviation of the input frequency from the programmed fre-
quency is given by
∆f = ± I
P ∗ (KVCO / fXTAL) ∗ (C1+C2) / (C1∗C2)
where IP is the charge pump current, KVCO the VCO gain, fXtal the crystal oscil-
lator frequency and C1, C2 the capacitances in the loop filter (Chapter 4). As the
charge pump pulses at i.e. 62.5 kHz (= fref), it takes a maximum of 16 µs for FL
to be reset after the loop has lost lock state.
Once FL has been reset, it is set only if the charge pump pulse width is less than
250 ns for eight consecutive fref periods. Therefore it takes between 128 and
144
µs for FL to be set after the loop regains lock.
3.4.3
AGC
The wide-band AGC stage detects the level of the IF output signal and gener-
ates an AGC voltage for gain control of the tuner input transistors. The AGC
take-over and the time constant are selectable by the I2C bus.
3.4.4
I2C-Bus Interface
Data is exchanged between the processor and the PLL via the I2C bus. The
clock is generated by the processor (input SCL). Pin SDA functions as an input
or output depending on the direction of the data (open collector, external pull-
up resistor). Both inputs have a hysteresis and a low-pass characteristic, which
enhance the noise immunity of the I2C bus.
The data from the processor pass through an I2C bus controller. Depending on
their function the data are subsequently stored in registers. If the bus is free,
both lines will be in the marking state (SDA, SCL are high). Each telegram
begins with the start condition and ends with the stop condition. Start condition:
SDA goes low, while SCL remains high. Stop condition: SDA goes high while


Similar Part No. - TUA6030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

Similar Description - TUA6030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com