Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27723 Datasheet(PDF) 10 Page - ams AG

Part # TMD27723
Description  Digital ALS and Proximity Module
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27723 Datasheet(HTML) 10 Page - ams AG

Back Button TMD27723 Datasheet HTML 6Page - ams AG TMD27723 Datasheet HTML 7Page - ams AG TMD27723 Datasheet HTML 8Page - ams AG TMD27723 Datasheet HTML 9Page - ams AG TMD27723 Datasheet HTML 10Page - ams AG TMD27723 Datasheet HTML 11Page - ams AG TMD27723 Datasheet HTML 12Page - ams AG TMD27723 Datasheet HTML 13Page - ams AG TMD27723 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Page 10
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Electrical Characteristics
Figure 12:
Proximity Test Circuit
Figure 13:
IR LED Characteristics, VDD = 3V, TA = 25°C
Figure 14:
Wait Characteristics, VDD = 3V, TA = 25°C, WEN = 1 (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
VF Forward Voltage
IF = 100 mA
1.5
2.2
V
VR Reverse Voltage
IR = 10 μA
5V
PO Radiant Power
IF = 20 mA
4.5
mW
λp Peak Wavelength
IF = 20 mA
850
nm
Δλ Spectral Radiation
Bandwidth
IF = 20 mA
40
nm
Parameter
Conditions
Min
Typ
Max
Units
Wait steps
1
256
steps
Wait time
WTIME = 0xFF (= 1 wait step)
2.73
2.9
ms


Similar Part No. - TMD27723

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD27723 AMSCO-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
OSRAM GmbH
TMD27723 OSRAM-TMD27723 Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
TMD27723WA OSRAM-TMD27723WA Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
More results

Similar Description - TMD27723

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com