Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5624A Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5624A
Description  150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5624A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5624A_16 Datasheet HTML 5Page - Texas Instruments TAS5624A_16 Datasheet HTML 6Page - Texas Instruments TAS5624A_16 Datasheet HTML 7Page - Texas Instruments TAS5624A_16 Datasheet HTML 8Page - Texas Instruments TAS5624A_16 Datasheet HTML 9Page - Texas Instruments TAS5624A_16 Datasheet HTML 10Page - Texas Instruments TAS5624A_16 Datasheet HTML 11Page - Texas Instruments TAS5624A_16 Datasheet HTML 12Page - Texas Instruments TAS5624A_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
0.005
0.01
0.1
1
10
0.02
0.1
1
10
100
300
PO − Output Power − W
3
4
8
TC = 75°C
G001
0
20
40
60
80
100
120
140
160
180
200
220
240
260
10
15
20
25
30
35
40
PVDD − Supply Voltage − V
3
4
8
TC = 75°C
THD+N at 10%
G003
TAS5624A
www.ti.com
SLAS844A – MAY 2012 – REVISED JANUARY 2016
7.8 Electrical Characteristics – Audio Specification Mono (PBTL)
Audio performance is recorded as a chipset consisting of a TASxxxx, PWM Processor (modulation index limited to 97.7%)
and a TAS5624A power stage with PCB and system configurations in accordance with recommended guidelines.
Audio frequency = 1 kHz, PVDD_X = 36 V, GVDD_X = 12 V, RL = 4 Ω, fS = 384 kHz, ROC = 24 kΩ, TC = 75°C, Output Filter:
LDEM = 10 μH, CDEM = 1 μF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 1.5 Ω, 10%, THD+N
400
RL = 2 Ω, 10% THD+N
300
RL = 4 Ω, 10% THD+N
160
PO
Power output per channel
W
RL = 1.5 Ω, 1% THD+N
320
RL = 2 Ω, 1% THD+N
250
RL = 4 Ω, 1% THD+N
130
THD+N
Total harmonic distortion + noise
1-W, 1-kHz signal
0.025%
Vn
Output integrated noise
A-weighted, AES17 measuring filter
180
μV
VOS
Output offset voltage
No signal
10
20
mV
SNR
Signal-to-noise ratio(1)
A-weighted, AES17 measuring filter
105
dB
DNR
Dynamic range
A-weighted, –60 dBFS (rel 1% THD)
105
dB
Power dissipation due to idle losses
Pidle
PO = 0, All channels switching
(2)
1
W
(IPVDD_X)
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
7.9 Typical Characteristics
7.9.1 BTL Configuration
Measurement conditions are: 1 kHz, PVDD_X = 36 V, GVDD_X = 12 V, RL = 4 Ω, fS = 384 kHz, ROC = 24 kΩ, TC = 75°C,
Output Filter: LDEM = 10 μH, CDEM = 1 µF, 20-Hz to 20-kHz BW (AES17 lowpass filter), unless otherwise noted.
1 kHz
Figure 1. Total Harmonic + Noise vs Output Power
Figure 2. Output Power vs Supply Voltage
vs Distortion + Noise = 10%
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TAS5624A


Similar Part No. - TAS5624A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5624A TI-TAS5624A_15 Datasheet
1Mb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
More results

Similar Description - TAS5624A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI-TAS5624A_15 Datasheet
1Mb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com