Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5622ADDVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5622ADDVR
Description  125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5622ADDVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5622ADDVR Datasheet HTML 7Page - Texas Instruments TAS5622ADDVR Datasheet HTML 8Page - Texas Instruments TAS5622ADDVR Datasheet HTML 9Page - Texas Instruments TAS5622ADDVR Datasheet HTML 10Page - Texas Instruments TAS5622ADDVR Datasheet HTML 11Page - Texas Instruments TAS5622ADDVR Datasheet HTML 12Page - Texas Instruments TAS5622ADDVR Datasheet HTML 13Page - Texas Instruments TAS5622ADDVR Datasheet HTML 14Page - Texas Instruments TAS5622ADDVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
0.005
0.01
0.1
1
10
0.02
0.1
1
10
100
PO − Output Power − W
2
3
4
TC = 75°C
G009
0
20
40
60
80
10
15
20
25
30
35
PVDD − Supply Voltage − V
2
3
4
TC = 75°C
THD+N at 10%
G010
0
20
40
60
80
100
120
140
160
180
200
−10
0
10
20
30
40
50
60
70
80
90 100 110
TC − Case Temperature −°C
3
4
8
THD+N at 10%
G007
−200
−190
−180
−170
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2k
4k
6k
8k
10k 12k 14k 16k 18k 20k 22k 24k
f − Frequency − Hz
4
TC = 75°C
VREF = 20.5 V
Sample Rate = 48kHz
FFT Size = 16384
G008
TAS5622A
www.ti.com
SLAS845A – MAY 2012 – REVISED MARCH 2015
Typical Characteristics, BTL Configuration (continued)
Figure 7. Output Power vs Temperature
Figure 8. Noise Amplitude vs Frequency
6.9.2 Typical Characteristics, SE Configuration
Measurement conditions are: 1 kHz, PVDD_X = 32.5 V, GVDD_X = 12 V, RL = 4 Ω, fS = 384 kHz, ROC = 24 kΩ,
TC = 75°C, Output Filter: LDEM = 10 μH, CDEM = 1 µF, CDCB = 470 µF, 20 Hz to 20 kHz BW (AES17 low pass
filter), unless otherwise noted.
Figure 9. Total Harmonic Distortion + Noise vs Output
Figure 10. Output Power vs Supply Voltage
Power
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TAS5622A


Similar Part No. - TAS5622ADDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622ADDVR TI1-TAS5622ADDVR Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5622ADDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   125-W Stereo and 250-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA Datasheet
962Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   TAS5612LA 125-W Stereo and 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com