Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5731MPHP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 1 Page - Texas Instruments

  TAS5731MPHP Datasheet HTML 1Page - Texas Instruments TAS5731MPHP Datasheet HTML 2Page - Texas Instruments TAS5731MPHP Datasheet HTML 3Page - Texas Instruments TAS5731MPHP Datasheet HTML 4Page - Texas Instruments TAS5731MPHP Datasheet HTML 5Page - Texas Instruments TAS5731MPHP Datasheet HTML 6Page - Texas Instruments TAS5731MPHP Datasheet HTML 7Page - Texas Instruments TAS5731MPHP Datasheet HTML 8Page - Texas Instruments TAS5731MPHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
0
5
10
15
20
25
30
35
40
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
2 Layer Continuous Power
4 Layer Continuous Power
Instantaneous Power
C014
2.0 BTL Mode
R
L = 8Ÿ
T
A = 25ƒC
0
10
20
30
40
50
60
70
80
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
2 Layer Continuous Power
4 Layer Continuous Power
Instantaneous Power
C039
PBTL Mode
R
L = 4Ÿ
T
A = 25ƒC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
TAS5731M 2 × 30-W Digital Audio Power Amplifier With DSP and 2.1 Mode
1 Features
3 Description
The TAS5731M is a 30-W, efficient, digital-audio
1
2-Ch I2S Input; 8-kHz to 48-kHz fS
stereo power amplifier for driving stereo bridge-tied
30-W Stereo, 8
Ω/24 V (THD+N = 10%)
speakers. One serial data input allows processing of
Up to 90% Efficient Operation
up to two discrete audio channels and seamless
integration to most digital audio processors and
Wide 8-V to- 24-V Supply Range; 3.3-V Digital
MPEG decoders. The device accepts a wide range of
Supply
input data and data rates. A fully programmable data
Single-Device 2.1 Support (2 × SE + 1 × BTL)
path routes these channels to the internal speaker
80-m
Ω RDS(on) Device That Can Support 2-Ω SE
drivers.
and 4-
Ω BTL Modes
The TAS5731M is a slave-only device receiving all
12 V, 2
Ω, 8 W With SE mode
clocks
from
external
sources.
The
TAS5731M
12 V, 4
Ω, 15 W With BTL mode
operates with a PWM carrier between a 384-kHz
switching
rate
and
a
352-kHz
switching
rate,
Speaker EQ (8 BQ per Channel), 2× DRCs
depending on the input sample rate. Oversampling
Pin-to-Pin Compatible With the TAS5727 and
combined with a fourth-order noise shaper provides a
TAS5731
flat noise floor and excellent dynamic range from
Benefits:
20 Hz to 20 kHz.
Direct Connect to Digital Processor
Device Information(1)
High Output Power From a Standard Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Eliminates the Need for Heat Sink
TAS5731M
HTQFP (48)
7.00 mm × 7.00 mm
Advanced Processing Improves Audio
(1) For all available packages, see the orderable addendum at
Experience
the end of the data sheet.
2 Applications
LCD TV
LED TV
Sound Bar
space
Power vs Supply Voltage (2.0 BTL Mode)
Power vs Supply Voltage (PBTL Mode)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS5731MPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5731MPHP TI1-TAS5731MPHP Datasheet
1Mb / 68P
[Old version datasheet]   2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
TAS5731MPHPR TI1-TAS5731MPHPR Datasheet
1Mb / 68P
[Old version datasheet]   2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
More results

Similar Description - TAS5731MPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721 TI1-TAS5721_16 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5727 TI1-TAS5727_16 Datasheet
1Mb / 70P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Texas Instruments
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com