Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5756M Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5756M
Description  Digital Input, Closed-Loop Class-D Amplifier
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5756M Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5756M Datasheet HTML 7Page - Texas Instruments TAS5756M Datasheet HTML 8Page - Texas Instruments TAS5756M Datasheet HTML 9Page - Texas Instruments TAS5756M Datasheet HTML 10Page - Texas Instruments TAS5756M Datasheet HTML 11Page - Texas Instruments TAS5756M Datasheet HTML 12Page - Texas Instruments TAS5756M Datasheet HTML 13Page - Texas Instruments TAS5756M Datasheet HTML 14Page - Texas Instruments TAS5756M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
TAS5756M
www.ti.com
SLAS988B – JUNE 2014 – REVISED AUGUST 2015
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SERIAL AUDIO PORT
Required LRCK/FS to
tDLY
5
ns
SCLK rising edge delay
Allowable SCLK duty
DSCLK
40%
60%
cycle
Supported input sample
fS
8
192
kHz
rates
Supported SCLK
fSCLK
32
64
fS
(2)
frequencies
fSCLK
SCLK frequency
Either master mode or slave mode
24.576
MHz
SPEAKER AMPLIFIER (ALL OUTPUT CONFIGURATIONS)
SPK_GAIN/FREQ voltage < 3 V,
see Adjustable Amplifier Gain and Switching
20
dBV
Frequency Selection
AV(SPK_AMP)
Speaker amplifier gain
SPK_GAIN/FREQ voltage > 3.3 V,
see Adjustable Amplifier Gain and Switching
26
dBV
Frequency Selection
Typical variation of
ΔAV(SPK_AMP)
±1
dBV
speaker amplifier gain
Switching frequency depends on voltage
presented at SPK_GAIN/FREQ pin and the
Switching frequency of
fSPK_AMP
clocking arrangement, including the incoming
176.4
768
kHz
the speaker amplifier
sample rate, see Adjustable Amplifier Gain
and Switching Frequency Selection
Injected Noise = 50 Hz to 60 Hz, 200 mVP-P,
Power supply rejection
KSVR
Gain = 26 dBV, input audio signal = digital
60
dB
ratio
zero
VPVDD = 24 V, I(SPK_OUT) = 500 mA, TJ = 25°C,
Drain-to-source on
includes PVDD/PGND pins, leadframe,
90
m
Ω
resistance of the
rDS(on)
bondwires and metallization layers.
individual output
MOSFETs
VPVDD = 24 V, I(SPK_OUT) = 500 mA, TJ = 25°C
90
m
Ω
SPK_OUTxx Overcurrent
OCETHRES
7.5
A
Error Threshold
Overtemperature Error
OTETHRES
150
°C
Threshold
Time required to clear
Overcurrent Error after
OCECLRTIME
1.3
s
error condition is
removed.
Time required to clear
Overtemperature Error
OTECLRTIME
1.3
s
after error condition is
removed.
PVDD Overvoltage Error
OVETHRES(PVDD)
27
V
Threshold
PVDD Undervoltage Error
UVETHRES(PVDD)
4.5
V
Threshold
SPEAKER AMPLIFIER (STEREO BTL)
Measured differentially with zero input data,
SPK_GAIN/FREQ pin configured for 20 dBV
2
10
gain, VPVDD = 12 V
|VOS|
Amplifier offset voltage
mV
Measured differentially with zero input data,
SPK_GAIN/FREQ pin configured for 26 dBV
6
15
gain, VPVDD = 24 V
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TAS5756M


Similar Part No. - TAS5756M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
More results

Similar Description - TAS5756M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5827 TI1-TAS5827 Datasheet
2Mb / 116P
[Old version datasheet]   TAS5827 47-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Class-H Algorithm
DECEMBER 2023
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5828M TI-TAS5828M Datasheet
2Mb / 83P
[Old version datasheet]   TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com