Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760MDDCA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MDDCA
Description  General-Purpose I2S Input Class-D Amplifier
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760MDDCA Datasheet(HTML) 5 Page - Texas Instruments

  TAS5760MDDCA Datasheet HTML 1Page - Texas Instruments TAS5760MDDCA Datasheet HTML 2Page - Texas Instruments TAS5760MDDCA Datasheet HTML 3Page - Texas Instruments TAS5760MDDCA Datasheet HTML 4Page - Texas Instruments TAS5760MDDCA Datasheet HTML 5Page - Texas Instruments TAS5760MDDCA Datasheet HTML 6Page - Texas Instruments TAS5760MDDCA Datasheet HTML 7Page - Texas Instruments TAS5760MDDCA Datasheet HTML 8Page - Texas Instruments TAS5760MDDCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
TAS5760MD
www.ti.com
SLOS741C – MAY 2013 – REVISED MARCH 2015
Pin Functions (continued)
PIN
INTERNAL
TYPE
DESCRIPTION
TERMINATION
NAME
NO.
Provides both electrical and thermal connection from the device to the board. A matching ground
PowerPAD™
-
G
-
pad must be provided on the PCB and the device connected to it via solder. For proper electrical
operation, this ground pad must be connected to the system ground.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Ambient Operating Temperature, TA
–25
85
°C
Temperature
Ambient Storage Temperature, TS
–40
125
°C
AVDD Supply
–0.3
30
V
Supply Voltage
PVDD Supply
–0.3
30
V
DRVDD and DVDD Supply
–0.3
4
V
DVDD Referenced Digital
Digital Inputs referenced to DVDD supply
–0.5
DVDD + 0.5
V
Input Voltages
DRVDD Referenced Digital
Digital Inputs referenced to DRVDD supply
–0.5
DRVDD + 0.5
V
Input Voltages
Headphone Load
RHP
12.8
Ω
Line Driver Load
RLD
600
Ω
Speaker Amplifier Output
VSPK_OUTxx, measured at the output pin
–0.3
32
V
Voltage
Storage temperature range, Tstg
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
TA
Ambient Operating Temperature
–25
85
°C
AVDD
AVDD Supply
4.5
26.4
V
PVDD
PVDD Supply
4.5
26.4
V
DRVDD, DVDD
DRVDD and DVDD Supply
2.8
3.63
V
Input Logic HIGH for DVDD and DRVDD Referenced
VIH(DR)
DVDD
V
Digital Inputs
Input Logic LOW for DVDD and DRVDD Referenced
VIL(DR)
0
V
Digital Inputs
RHP
Headphone Load
16
Ω
RLD
Line Driver Load
1
Ω
RSPK (BTL)
Minimum Speaker Load in BTL Mode
4
Ω
RSPK (PBTL)
Minimum Speaker Load in PBTL Mode
2
Ω
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS5760MD


Similar Part No. - TAS5760MDDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760MDAP TI1-TAS5760MDAP Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAPR TI1-TAS5760MDAPR Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDCA TI1-TAS5760MDCA Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDCAR TI1-TAS5760MDCAR Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760MDDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com