Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27722 Datasheet(PDF) 8 Page - ams AG

Part # TMD27722
Description  DIGITAL ALS and PROXIMITY MODULE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27722 Datasheet(HTML) 8 Page - ams AG

Back Button TMD27722 Datasheet HTML 4Page - ams AG TMD27722 Datasheet HTML 5Page - ams AG TMD27722 Datasheet HTML 6Page - ams AG TMD27722 Datasheet HTML 7Page - ams AG TMD27722 Datasheet HTML 8Page - ams AG TMD27722 Datasheet HTML 9Page - ams AG TMD27722 Datasheet HTML 10Page - ams AG TMD27722 Datasheet HTML 11Page - ams AG TMD27722 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
7
The LUMENOLOGY Company
Copyright 2012, TAOS Inc.
www.taosinc.com
PARAMETER MEASUREMENT INFORMATION
Start
Condition
Stop
Condition
P
SDA
t(SUSTO)
t(SUDAT)
t(HDDAT)
t(BUF)
VIH
VIL
SCL
t(SUSTA)
t(HIGH)
t(F)
t(R)
t(HDSTA)
t(LOW)
VIH
VIL
S
P
S
Figure 1. Timing Diagrams
TYPICAL CHARACTERISTICS
Figure 2
SPECTRAL RESPONSIVITY
λ
− Wavelength − nm
0
400
0.2
0.4
0.6
0.8
1
500 600 700 800 900 1000 1100
300
Ch 0
Ch 1
Figure 3
NORMALIZED RESPONSIVITY vs.
ANGULAR DISPLACEMENT
Angle of incident light (degrees)
100%
90%
80%
70%
60%
50%
40%
30%
20%
10%
0%
-90 -75 -60 -45 -30 -15 0 15 30 45 60 75 90
Green LED
Both Axes
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147E − DECEMBER 2012


Similar Part No. - TMD27722

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 59P
   Digital ALS and Proximity Module
logo
OSRAM GmbH
TMD2772 OSRAM-TMD2772 Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
logo
TEXAS ADVANCED OPTOELEC...
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD27721 AMSCO-TMD27721 Datasheet
1Mb / 59P
   Digital ALS and Proximity Module
More results

Similar Description - TMD27722

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772WA AMSCO-TMD2772WA Datasheet
1Mb / 59P
   Digital ALS and Proximity Module
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com