Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5768MDCA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5768MDCA
Description  Smart Amp
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5768MDCA Datasheet(HTML) 1 Page - Texas Instruments

  TAS5768MDCA Datasheet HTML 1Page - Texas Instruments TAS5768MDCA Datasheet HTML 2Page - Texas Instruments TAS5768MDCA Datasheet HTML 3Page - Texas Instruments TAS5768MDCA Datasheet HTML 4Page - Texas Instruments TAS5768MDCA Datasheet HTML 5Page - Texas Instruments TAS5768MDCA Datasheet HTML 6Page - Texas Instruments TAS5768MDCA Datasheet HTML 7Page - Texas Instruments TAS5768MDCA Datasheet HTML 8Page - Texas Instruments TAS5768MDCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
DIN
Smart SOA
System Inputs
Smart Amp
Adaptive Control Algorithm
Volume
EQ
Smart Enhance
Smart Bass, Smart
DRP
AMP
Smart Protection
Thermal, Excursion
Smart Sense
Sensor Inputs
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TAS5766M, TAS5768M
SLAS965C – SEPTEMBER 2013 – REVISED JANUARY 2015
TAS576xM 2x50W/4
Ω PurePath™ Smart Amp
1 Features
2 Applications
1
PurePath Smart Amp:
Audio Docks
Soundbars
Optimizes and Protects Dynamic
Loudspeakers
Laptops
Bass Q-compensation and Frequency
All-In-One Computers
Extension: More Loudness, Bass
Digital TVs
Enhancement, Better Clarity and Higher
Fidelity.
3 Description
Thermal and Excursion Limitation.
The TAS576xM PurePath Smart Amp enhance the
bass, sound fidelity and provide more loudness and
Stereo Class-D Amplifier With:
at the same time drive a speaker to its thermal and
Wide Power Supply Range: 4.5 V –26.4 V
mechanical limits.
Wide Load Range: 2
Ω – 8 Ω;
The
TAS576xM
contains
two
BTL
class-D
High output current: 2x 7.5A
amplifiers – with up to 2x50W peak into 4
Ω. The
Peak output power 2x 50W/4
Ω
amplifier is thermally designed to fit with the typical
speaker so it can handle high peaks for the time it
Continuous Power: 2x 20W w/o heat sink
takes the speaker voice-coil to heat up, and then it
Click and Pop free: Power, Mute and Standby
lowers the average power to safe limits.
ON/OFF
The wide supply range of 4.5 V to 26.4 V enables the
Low Output Noise: <60µVrms at 12 V supply,
use of a wide range of different power supply options
<90 µVrms at 24 V supply
from 2-cell Li-Ion batteries to fixed 24 V supply.
Low THD+N: <0.02% at 1 W/4
Ω, 1 kHz
TI's PurePath Smart Amp technology allow speakers
Thermal, Over-Current and Short-Circuit
to be driven with more peak power than their average
Protected
power rating, without fear of damage to the speaker
Configurable Digital Audio Processor.
through over excursion or thermal-overload.
Down Mixing and Custom EQ with 10 BiQuads
Device Information(1)
Digital Audio Interface: I2S or TDM input w.
PART NUMBER
PACKAGE
BODY SIZE (NOM)
44.1 kHz and 48 kHz FS
HTSSOP (48)
12.50 mm × 6.10 mm
TAS5766M
Configurable Digital Output
VQFN (48)
7.00 mm × 5.00 mm
TAS5768M
Multisegment DAC with Excellent Jitter
Suppression
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Integrated High-Performance Audio PLL
I2C control
48-pin PowerPAD™ HTSSOP or VQFN Package
4 Smart Amplifier Overview
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS5768MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5768MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5766M TI-TAS5766M_15 Datasheet
2Mb / 84P
[Old version datasheet]   TAS576xM 2x50W/4廓 PurePath??Smart Amp
logo
Anaren Microwave
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
logo
M.S. Kennedy Corporatio...
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
   10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Texas Instruments
PCM5252 TI1-PCM5252 Datasheet
1Mb / 119P
[Old version datasheet]   Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
logo
M.S. Kennedy Corporatio...
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
OSRAM GmbH
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com