Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320ADC3101 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3101
Description  Low-Power Stereo ADC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320ADC3101 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320ADC3101 Datasheet HTML 1Page - Texas Instruments TLV320ADC3101 Datasheet HTML 2Page - Texas Instruments TLV320ADC3101 Datasheet HTML 3Page - Texas Instruments TLV320ADC3101 Datasheet HTML 4Page - Texas Instruments TLV320ADC3101 Datasheet HTML 5Page - Texas Instruments TLV320ADC3101 Datasheet HTML 6Page - Texas Instruments TLV320ADC3101 Datasheet HTML 7Page - Texas Instruments TLV320ADC3101 Datasheet HTML 8Page - Texas Instruments TLV320ADC3101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
MICBIAS2
I2C_ADR1
15
14
13
WCLK
1
2
3
DOUT
4
RESET
5
MICBIAS1
18
SDA
17
SCL
16
I C_ADR0
2
IN3R(M)
BCLK
IN3L(M)
6
TLV320ADC3101
SLAS553B – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
7 Pin Configuration and Functions
RGE Package
24-Pin VQFN With Exposed Thermal Pad
Top View
Connect the VQFN thermal pad to AVSS.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
AVDD
10
P
Analog voltage supply, 2.6 V–3.6 V
AVSS
9
P
Analog ground supply, 0 V
BCLK
1
I/O
Audio serial data bus bit clock (input/output)
Digital microphone clock / general-purpose input/output 2 (input/output) / PLL clock input /
DMCLK/GPIO2
20
I/O
audio serial data-bus bit-clock input/output / multifunction pin based on register
programming
Digital microphone data input / general-purpose input/output 1 (input/output) / PLL clock
DMDIN/GPIO1
19
I/O
mux output / AGC noise flag / multifunction pin based on register programming
DOUT
3
O
Audio serial data bus data output (output)
DVDD
22
P
Digital core voltage supply, 1.65 V–1.95 V
DVSS
23
P
Digital ground supply, 0 V
I2C_ADR0
15
I
LSB of I2C bus address
I2C_ADR1
16
I
LSB + 1 of I2C bus address
IN1L(P)
8
I
Mic or line analog input (left-channel single-ended or differential plus, or right channel)
IN1R(M)
11
I
Mic or line analog input (left-channel single-ended or differential minus, or left channel)
IN2L(P)
7
I
Mic or line analog input (left-channel single-ended or differential plus)
IN2R(P)
12
I
Mic or line analog input (right-channel single-ended or differential plus)
IN3L(M)
6
I
Mic or line analog input (left-channel single-ended or differential minus)
IN3R(M)
13
I
Mic or line analog input (right-channel single-ended or differential minus)
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLV320ADC3101


Similar Part No. - TLV320ADC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1_15 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3101IRGER TI-TLV320ADC3101IRGER Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
More results

Similar Description - TLV320ADC3101

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8783 WOLFSON-WM8783 Datasheet
270Kb / 17P
   Stereo Low Power 96kHz ADC
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
   Low Power Stereo Audio ADC
logo
NXP Semiconductors
UDA1360TS PHILIPS-UDA1360TS Datasheet
84Kb / 16P
   Low-voltage low-power stereo audio ADC
2000 Feb 08
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
logo
Texas Instruments
TLV320ADC3001 TI1-TLV320ADC3001_15 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP
logo
Maxim Integrated Produc...
MAX98089 MAXIM-MAX98089 Datasheet
14Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology 93dB DR Stereo ADC
Rev 0; 6/11
logo
Wolfson Microelectronic...
WM8953 WOLFSON-WM8953 Datasheet
1Mb / 100P
   Low Power Stereo ADC with PLL and TDM Interface
WM8739 WOLFSON-WM8739 Datasheet
349Kb / 35P
   STEREO AUDIO ADC
logo
ESS Technology,Inc
ES9102C ESS-ES9102C Datasheet
168Kb / 3P
   Reference Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com