Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431QDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL1431QDREP
Description  Precision-Programmable Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431QDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL1431QDREP Datasheet HTML 3Page - Texas Instruments TL1431QDREP Datasheet HTML 4Page - Texas Instruments TL1431QDREP Datasheet HTML 5Page - Texas Instruments TL1431QDREP Datasheet HTML 6Page - Texas Instruments TL1431QDREP Datasheet HTML 7Page - Texas Instruments TL1431QDREP Datasheet HTML 8Page - Texas Instruments TL1431QDREP Datasheet HTML 9Page - Texas Instruments TL1431QDREP Datasheet HTML 10Page - Texas Instruments TL1431QDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Frequency (Hz)
100
120
140
160
180
200
220
240
260
10
100
1k
10k
100k
D007
Free-Air Temperature (GC)
-50
-25
0
25
50
75
100
125
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
D005
Free-Air Temperature (GC)
-50
-25
0
25
50
75
100
125
-1.45
-1.35
-1.25
-1.15
-1.05
-0.95
-0.85
D006
Cathode Voltage (V)
-3
-2
-1
0
1
2
3
-150
-100
-50
0
50
100
150
D003
Cathode Voltage (V)
-2
-1
0
1
2
3
4
-200
0
200
400
600
800
D004
TL1431-EP
www.ti.com
SLVS529D – APRIL 2004 – REVISED JANUARY 2015
VKA = VI(ref)
TA = 25°C
VKA = VI(ref)
TA = 25°C
Figure 3. Cathode Current vs Cathode Voltage
Figure 4. Cathode Current vs Cathode Voltage
VKA = 36 V
VI(ref) = 0
VKA = 3 to 36 V
Figure 5. Off-State Cathode Current vs Free-Air Temperature
Figure 6. Ratio of Delta Reference Voltage to Delta Cathode
Voltage vs Free-Air Temperature
IO = 10 mA
TA = 25°C
Figure 7. Equivalent Input-Noise Voltage vs Frequency
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TL1431QDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1431QDREP TI1-TL1431QDREP Datasheet
595Kb / 20P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL1431QDREP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com