Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5768M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5768M
Description  Smart Amp
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5768M Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5768M Datasheet HTML 3Page - Texas Instruments TAS5768M Datasheet HTML 4Page - Texas Instruments TAS5768M Datasheet HTML 5Page - Texas Instruments TAS5768M Datasheet HTML 6Page - Texas Instruments TAS5768M Datasheet HTML 7Page - Texas Instruments TAS5768M Datasheet HTML 8Page - Texas Instruments TAS5768M Datasheet HTML 9Page - Texas Instruments TAS5768M Datasheet HTML 10Page - Texas Instruments TAS5768M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
TAS5766M, TAS5768M
www.ti.com
SLAS965C – SEPTEMBER 2013 – REVISED JANUARY 2015
7.4 Thermal Information
TAS576xM
RMT (48 PINS)
DCA (48 PINS)
THERMAL METRIC(1)
UNIT
2 LAYER
4 LAYER PCB(2)
PCB(3)
RθJA
Junction-to-ambient thermal resistance
30
30
RθJC(top)
Junction-to-case (top) thermal resistance
15
14
RθJB
Junction-to-board thermal resistance
6
13
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.6
ψJB
Junction-to-board characterization parameter
6
13
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.9
0.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For the PCB layout see the TAS576xMRMTEVM User Guide. A 4 layer 60x60mm 1oc PCB was used
(3)
For the PCB layout see the TAS576xMDCAEVM User Guide. A 2 layer 60x60mm 1oc PCB was used
7.5 DC Electrical Characteristics
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3 V, fS = 48 kHz, system clock = 512 fS and 24-bit data, VCC =
12 V to 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured
PVCC = 12 V, gain set to 14 dB
1
10
mV
differentially)
| VOS |
PVCC = 24 V, gain set to 20 dB
1.5
15
mV
Input is Bipolar Zero data
Drain-source on-state resistance, measured
RDS(on)
VCC = 24 V, Iout = 500 mA, TJ = 25°C
120
m
pin to pin
Gain pin voltage < 3 V
13
14
15
dB
G
Analog Gain from INxx to OUTxx
Gain pin voltage > 3.3 V
19
20
21
dB
ton
Turn-on time
XSMT = 2 V
1.5
ms
tOFF
Turn-off time
XSMT = 0.8 V
0.8
ms
GVDD
Gate Drive Supply Voltage
IGVDD
≤ 200 µA
6.9
V
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5766M TAS5768M


Similar Part No. - TAS5768M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5768M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5766M TI-TAS5766M_15 Datasheet
2Mb / 84P
[Old version datasheet]   TAS576xM 2x50W/4廓 PurePath??Smart Amp
logo
Anaren Microwave
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
logo
M.S. Kennedy Corporatio...
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
   10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Texas Instruments
PCM5252 TI1-PCM5252 Datasheet
1Mb / 119P
[Old version datasheet]   Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
logo
M.S. Kennedy Corporatio...
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
OSRAM GmbH
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com