Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3101IRHBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3101IRHBR
Description  Low-Power Stereo Audio Codec for Portable Audio/Telephony
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3101IRHBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC3101IRHBR Datasheet HTML 2Page - Texas Instruments TLV320AIC3101IRHBR Datasheet HTML 3Page - Texas Instruments TLV320AIC3101IRHBR Datasheet HTML 4Page - Texas Instruments TLV320AIC3101IRHBR Datasheet HTML 5Page - Texas Instruments TLV320AIC3101IRHBR Datasheet HTML 6Page - Texas Instruments TLV320AIC3101IRHBR Datasheet HTML 7Page - Texas Instruments TLV320AIC3101IRHBR Datasheet HTML 8Page - Texas Instruments TLV320AIC3101IRHBR Datasheet HTML 9Page - Texas Instruments TLV320AIC3101IRHBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
TLV320AIC3101
SLAS520E – FEBRUARY 2007 – REVISED DECEMBER 2014
www.ti.com
9 Specifications
9.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
AVDD to AVSS, DRVDD to DRVSS
–0.3
3.9
V
AVDD to DRVSS
–0.3
3.9
V
Input voltage
IOVDD to DVSS
–0.3
3.9
V
DVDD to DVSS
–0.3
2.5
V
AVDD to DRVDD
–0.1
0.1
V
Digital input voltage
to DVSS
–0.3
IOVDD + 0.3
V
Analog input voltage
to AVSS
–0.3
AVDD + 0.3
V
Operating temperature
–40
85
°C
Junction temperature, TJ
105
°C
Storage temperature, Tstg
–65
105
°C
Power dissipation
0.5
W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ESD complicance tested to EIA/JESD22-A114-B and passed.
9.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
9.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD, DRVDD1/2(1)
Analog supply voltage
2.7
3.3
3.6
V
DVDD(1)
Digital core supply voltage
1.525
1.8
1.95
V
IOVDD(1)
Digital I/O supply voltage
1.1
1.8
3.6
V
VI
Analog full-scale 0-dB input voltage (DRVDD1 = 3.3 V)
0.707
VRMS
Stereo line output load resistance
10
k
Stereo headphone output load resistance
16
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–40
85
°C
(1)
Analog voltage values are with respect to AVSS1, AVSS2, DRVSS; digital voltage values are with respect to DVSS.
6
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3101


Similar Part No. - TLV320AIC3101IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3101IRHBR TI-TLV320AIC3101IRHBR Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC3101IRHBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com