Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3107 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3107
Description  Low-Power Stereo Codec
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3107 Datasheet(HTML) 3 Page - Texas Instruments

  TLV320AIC3107 Datasheet HTML 1Page - Texas Instruments TLV320AIC3107 Datasheet HTML 2Page - Texas Instruments TLV320AIC3107 Datasheet HTML 3Page - Texas Instruments TLV320AIC3107 Datasheet HTML 4Page - Texas Instruments TLV320AIC3107 Datasheet HTML 5Page - Texas Instruments TLV320AIC3107 Datasheet HTML 6Page - Texas Instruments TLV320AIC3107 Datasheet HTML 7Page - Texas Instruments TLV320AIC3107 Datasheet HTML 8Page - Texas Instruments TLV320AIC3107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
TLV320AIC3107
www.ti.com
SLOS545D – NOVEMBER 2008 – REVISED DECEMBER 2014
6 Description (Continued)
Extensive register-based power control is included, enabling stereo 48-kHz DAC playback as low as 15 mW from
a 3.3-V analog supply, making it ideal for portable battery-powered audio and telephony applications.
The high-power output drivers are capable of driving a variety of load configurations, including up to three
channels of single-ended 16-
Ω headphones using ac-coupling capacitors, or stereo 16-Ω headphones in a
capacitorless output configuration. The mono class-D output is capable of differentially driving an 8-
Ω speaker.
The stereo audio DAC supports sampling rates from 8 kHz to 96 kHz and includes programmable digital filtering
in the DAC path for 3D, bass, treble, midrange effects, speaker equalization, and de-emphasis for 32-kHz, 44.1-
kHz, and 48-kHz rates. The stereo audio ADC supports sampling rates from 8 kHz to 96 kHz and is preceded by
programmable gain amplifiers or AGC that can provide up to 59.5 dB analog gain for low-level microphone
inputs. The TLV320AIC3107 provides an extremely high range of programmability for both attack (8-1,408 ms)
and for decay (0.05-22.4 seconds). This extended AGC range allows the AGC to be tuned for many types of
applications.
For battery saving applications where neither analog nor digital signal processing are required, the device can be
put in a special analog signal passthru mode. This mode significantly reduces power consumption, as most of the
device is powered down during this pass through operation.
The serial control bus supports I2C protocol, while the serial audio data bus is programmable for I2S, left/right-
justified, DSP, or TDM modes. A highly programmable PLL is included for flexible clock generation and support
for all standard audio rates from a wide range of available MCLKs, varying from 512 kHz to 50 MHz, with special
attention paid to the most popular cases of 12-MHz, 13-MHz, 16-MHz, 19.2-MHz, and 19.68-MHz system clocks.
The TLV320AIC3107 operates from an analog supply of 2.7 V–3.6 V, a digital core supply of 1.65 V–1.95 V, a
digital I/O supply of 1.1 V–3.6 V, and a speaker amplifier supply of 2.7V–5.5V. The device is available in the 5 ×
5-mm, 40-pin QFN package and in the future a 3.5 × 3-mm, 42-lead DSBGA package.
The record path of the TLV320AIC3107 contains integrated microphone bias, digitally controlled stereo
microphone preamplifier, and automatic gain control (AGC), with mix/mux capability among the multiple analog
inputs. Programmable filters are available during record which can remove audible noise that can occur during
optical zooming in digital cameras. The playback path includes mix/mux capability from the stereo DAC and
selected inputs, through programmable volume controls, to the various outputs.
The TLV320AIC3107 contains three high-power output drivers as well as two single-ended line output drivers,
and a differential class-D output driver.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV320AIC3107


Similar Part No. - TLV320AIC3107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
TLV320AIC3107IRSBR TI-TLV320AIC3107IRSBR Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107IRSBT TI-TLV320AIC3107IRSBT Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107IYZFT TI-TLV320AIC3107IYZFT Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
More results

Similar Description - TLV320AIC3107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
   Ultra-Low Power Stereo Codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
   Ultra-low power stereo codec
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Renesas Technology Corp
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
   Ultra-low power stereo codec
23-Dec-2021
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
   Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
   Ultra-low power stereo codec
logo
Texas Instruments
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Renesas Technology Corp
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
   Ultra-low power stereo codec
23-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com