Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3107IYZFT Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV320AIC3107IYZFT
Description  Low-Power Stereo Codec
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3107IYZFT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC3107IYZFT Datasheet HTML 7Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 8Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 9Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 10Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 11Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 12Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 13Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 14Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
TLV320AIC3107
www.ti.com
SLOS545D – NOVEMBER 2008 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
At 25°C, AVDD_DAC = 3.3 V, DRVDD = 3.3 V, SPVDD = 5 V, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION, DRVDD, AVDD_DAC = 3.3 V, SPVDD = 5V, DVDD = 1.8 V, IOVDD = 3.3 V
IDRVDD+IAVDD_DAC
0.1
RESET Held low
μA
IDVDD
0.2
IDRVDD+IAVDD_DAC
2.1
Mono ADC record, Fs = 8 ksps,
mA
I2S Slave, AGC Off, No signal
IDVDD
0.5
IDRVDD+IAVDD_DAC
Stereo ADC record, Fs = 8
4.1
ksps, I2S Slave, AGC Off, No
mA
IDVDD
0.6
signal
IDRVDD+IAVDD_DAC
Stereo ADC record, Fs = 48
4.3
ksps, I2S Slave, AGC Off, No
mA
IDVDD
2.5
signal
IDRVDD+IAVDD_DAC
Stereo DAC Playback to
3.5
Lineout , Analog mixer
mA
bypassed Fs = 48 ksps, I2S
IDVDD
2.3
Slave
IDRVDD+IAVDD_DAC
Stereo DAC Playback to
4.9
Lineout, Fs = 48 ksps, I2S
mA
IDVDD
2.3
Slave, No signal
IDRVDD+IAVDD_DAC
Stereo DAC Playback to stereo
6.7
single-ended headphone, Fs =
mA
IDVDD
2.3
48 ksps, I2S Slave, No signal
IDRVDD+IAVDD_DAC
3.1
Stereo LINEIN to stereo
mA
LINEOUT, No signal
IDVDD
0
IDRVDD+IAVDD_DAC
1.4
Extra power when PLL enabled
mA
IDVDD
0.9
IDRVDD+IAVDD_DAC
28
All blocks powered down,
μA
Headset detection enabled
IDVDD
2
SPVDD
class-D disabled
200
nA
8.7 Audio Data Serial Interface Timing Requirements
(1) (2)
IOVDD = 1.1 V
IOVDD = 3.3 V
UNIT
MIN
MAX
MIN
MAX
I2S/LJF/RJF TIMING IN MASTER MODE, SEE Figure 1
td(WS)
ADWS/WCLK delay time
50
15
ns
td(DO-WS)
ADWS/WCLK to DOUT delay time
50
20
ns
td(DO-BCLK)
BCLK to DOUT delay time
50
15
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
30
10
ns
tf
Fall time
30
10
ns
DSP TIMING IN MASTER MODE, SEE Figure 2
td(WS)
ADWS/WCLK delay time
50
15
ns
td(DO-BCLK)
BCLK to DOUT delay time
50
15
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
30
10
ns
tf
Fall time
30
10
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
(2)
All specifications at 25°C, DVDD = 1.8 V
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV320AIC3107


Similar Part No. - TLV320AIC3107IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107IYZFT TI-TLV320AIC3107IYZFT Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
More results

Similar Description - TLV320AIC3107IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
   Ultra-Low Power Stereo Codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
   Ultra-low power stereo codec
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Renesas Technology Corp
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
   Ultra-low power stereo codec
23-Dec-2021
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
   Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
   Ultra-low power stereo codec
logo
Texas Instruments
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Renesas Technology Corp
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
   Ultra-low power stereo codec
23-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com