Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23818-K305-L56 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # V23818-K305-L56
Description  Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-K305-L56 Datasheet(HTML) 4 Page - Infineon Technologies AG

  V23818-K305-L56 Datasheet HTML 1Page - Infineon Technologies AG V23818-K305-L56 Datasheet HTML 2Page - Infineon Technologies AG V23818-K305-L56 Datasheet HTML 3Page - Infineon Technologies AG V23818-K305-L56 Datasheet HTML 4Page - Infineon Technologies AG V23818-K305-L56 Datasheet HTML 5Page - Infineon Technologies AG V23818-K305-L56 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fiber Optics
V23818-K305-L56, SFF, MM 850nm 1.0625 GBd Fibre Channel, 1.3 GBE 2x5 Trx (LC™), ext.temp.
4
Pin Description
Regulatory Compliance
EYE SAFETY
This laser based multimode transceiver is a Class 1 product. It
complies with IEC 60825-1 and FDA 21 CFR 1040.10 and
1040.11.
To meet laser safety requirements the transceiver shall be oper-
ated within the maximum operating limits.
Caution
All adjustments have been made at the factory prior to ship-
ment of the devices. No maintenance or alteration to the
device is required.
Tampering with or modifying the performance of the device
will result in voided product warranty.
Note
Failure to adhere to the above restrictions could result in a modifica-
tion that is considered an act of “manufacturing”, and will require,
under law, recertification of the modified product with the U.S. Food
and Drug Administration (ref. 21 CFR 1040.10 (i)).
Laser Data
Required Labels
Laser Emission
Pin Name
Level/
Logic
Pin# Description
VEEr
Receiver
Signal Ground
N/A
1
VCCr
Receiver
Power Supply
N/A
2
SD
Signal Detect
TTL
3
Normal Operation: Logic
“1” Output, represents
that light is present at re-
ceiver input
Fault Condition: Logic “0”
Output
RD–
Received Data
Out Not
PECL
4
RD+
Received Data
Out
PECL
5
VCCt
N/A
6
Transmitter Power Supply
VEEt
N/A
7
Transmitter Signal Ground
TxDis Transmitter
Disable/Enable
TTL-
Input
8
A low signal switches the
laser on.
A high signal switches the
laser off.
TD+
Transmit Data
PECL
9
Transmitter Data In
TD–
Transmit Data
Not
PECL
10
Transmitter Data In
MS
MS
Package
Grounding
Tabs
N/A
MS1
MS2
T1
T2
T3
T4
Mounting Studs and
grounding Tabs are provid-
ed for transceiver mechan-
ical attachment to the
circuit board. They also
provide an optional connec-
tion of the transceiver to
the equipment chassis
ground.
The holes in the circuit
board must be tied to
chassis ground.
Feature
Standard
Comments
Electrostatic Discharge
(ESD) to the Electrical
Pins
MIL-STD 883D
Method 3015.7
Class 1 (>1000 V)
Immunity:
Electrostatic Discharge
(ESD) to the Duplex SC
Receptacle
EN 61000-4-2
IEC 61000-4-2
Discharges of
±15 kV
with an air discharge
probe on the recepta-
cle cause no damage.
Immunity:
Radio Frequency
Electromagnetic Field
EN 61000-4-3
IEC 61000-4-3
With a field strength
of 3 V/m rms, noise
frequency ranges
from 10 MHz to
1 GHz. No effect on
transceiver perfor-
mance between the
specification limits.
Emission:
Electromagnetic
Interference (EMI)
FCC Class B
EN 55022
Class B CISPR 22
Noise frequency
range:
30 MHz to 6 GHz
Wavelength
850 nm
Total output power (as defined by IEC: 7 mm
aperture at 1.4 cm distance)
<675 µW
Total output power (as defined by FDA: 7 mm
aperture at 20 cm distance)
<70 µW
Beam divergence
12
°
Class 1 Laser Product
IEC
Complies with 21 CFR
1040.10 and 1040.11
FDA
10 9 8 7 6
1 2 3 4 5
Tx
Rx
Indication of
laser aperture
and beam


Similar Part No. - V23818-K305-L56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L55 INFINEON-V23818-K305-L55 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-K305-L57 INFINEON-V23818-K305-L57 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
More results

Similar Description - V23818-K305-L56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23826-K305-C13 INFINEON-V23826-K305-C13 Datasheet
534Kb / 17P
   Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-12-19
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com