Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP001239 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PP001239
Description  Tri-Rated Flexible PVC Equipment Wire
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001239 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PP001239 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001239 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001239 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001239 Datasheet HTML 4Page - List of Unclassifed Manufacturers PP001239 Datasheet HTML 5Page - List of Unclassifed Manufacturers PP001239 Datasheet HTML 6Page - List of Unclassifed Manufacturers PP001239 Datasheet HTML 7Page - List of Unclassifed Manufacturers PP001239 Datasheet HTML 8Page - List of Unclassifed Manufacturers PP001239 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <7>
V1.2
16/12/15
Tri-Rated Flexible PVC Equipment Wire
Description
Nominal Cross
Sectional Area
mm²
Colour
Reel Length Part Number
Tri-Rated Flexible
PVC Equipment Wire
0.75
Black
100m
PP001186
Blue
PP001196
Brown
PP001205
Dark Blue
PP001215
Green
PP001222
Grey
PP001229
Green/Yellow
PP001239
Light Blue
PP001249
Orange
PP001256
Pink
PP001263
Red
PP001270
Violet
PP001280
White
PP001287
Yellow
PP001296
1
Black
PP001187
Blue
PP001197
Brown
PP001206
Dark Blue
PP001216
Green
PP001223
Grey
PP001230
Green/Yellow
PP001240
Light Blue
PP001250
Orange
PP001257
Pink
PP001264
Red
PP001271
Violet
PP001281
White
PP001288
Yellow
PP001297
1.5
Black
PP001188
Blue
PP001198
Brown
PP001207
Dark Blue
PP001217
Green
PP001224
Grey
PP001231
Green/Yellow
PP001241
Light Blue
PP001251
Orange
PP001258


Similar Part No. - PP001239

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001064 ETC2-PP001064 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001065 ETC2-PP001065 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001066 ETC2-PP001066 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001067 ETC2-PP001067 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001068 ETC2-PP001068 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
More results

Similar Description - PP001239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
   75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
Belden Inc.
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
   Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
logo
List of Unclassifed Man...
AWM20276 ETC2-AWM20276 Datasheet
40Kb / 2P
   PVC jacketed cable for electrical equipment
logo
Belden Inc.
9492 BELDEN-9492 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #20 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
9495 BELDEN-9495 Datasheet
163Kb / 2P
   High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9494 BELDEN-9494 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9493 BELDEN-9493 Datasheet
164Kb / 2P
   High Perform Instr, 1 Tri #18 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9491 BELDEN-9491 Datasheet
145Kb / 2P
   High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
   Silicone Insulated Equipment Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com