Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3212 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV320AIC3212
Description  Ultra-Low Power Stereo Audio Codec
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3212 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC3212_15 Datasheet HTML 1Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 2Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 3Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 4Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV320AIC3212
SLAS784A – MARCH 2012 – REVISED SEPTEMBER 2015
TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath
Headphone, and Stereo Class-D Speaker Amplifier
1 Features
2 Applications
1
Stereo Audio DAC With 101=dB SNR
Mobile Handsets
2.7-mW Stereo 48-kHz DAC Playback
Tablets and eBooks
Stereo Audio ADC With 93-dB SNR
Portable Navigation Devices (PND)
5.6-mW Stereo 48-kHz ADC Record
Portable Media Players (PMP)
8 kHz to 192 kHz Playback and Record
Portable Gaming Systems
30-mW DirectPath™ Headphone Driver
Portable Computing
Eliminates Large Output DC-Blocking Capacitors
3 Description
128-mW Differential Receiver Output Driver
The
TLV320AIC3212
(also
referred
to
as
the
Stereo Class-D Speaker Drivers
AIC3212) device is a flexible, highly-integrated, low-
1.7 W (8
Ω, 5.5 V, 10% THDN)
power, low-voltage stereo audio codec. The AIC3212
1.4 W (8
Ω, 5.5 V, 1% THDN)
features digital microphone inputs and programmable
outputs, PowerTune capabilities, selectable audio-
Stereo Line Outputs
processing blocks, predefined and parameterizable
PowerTune™ - Adjusts Power vs SNR
signal processing blocks, integrated PLL, and flexible
Extensive Signal Processing Options
audio interfaces. Extensive register-based control of
power, input and output channel configuration, gains,
Eight Single-Ended or 4 Fully-Differential Analog
effects, pin-multiplexing and clocks are included,
Inputs
allowing the device to be precisely targeted to its
Stereo Digital and Analog Microphone Inputs
application.
Low Power Analog Bypass Mode
Device Information(1)
Programmable PLL, Plus Low-Frequency Clocking
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Programmable 12-Bit SAR ADC
TLV320AIC3212
DSBGA (81)
4.81 mm × 4.81 mm
SPI and I2C Control Interfaces
(1) For all available packages, see the orderable addendum at
Three Independent Digital Audio Serial Interfaces
the end of the data sheet.
4.81 mm × 4.81 mm × 0.625 mm 81-Ball WCSP
(YZF) Package
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV320AIC3212_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3212_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com