Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23832-T2131-M101 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # V23832-T2131-M101
Description  PAROLI 2 Tx AC, 1.6 Gbit/s
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-T2131-M101 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button V23832-T2131-M101 Datasheet HTML 3Page - Infineon Technologies AG V23832-T2131-M101 Datasheet HTML 4Page - Infineon Technologies AG V23832-T2131-M101 Datasheet HTML 5Page - Infineon Technologies AG V23832-T2131-M101 Datasheet HTML 6Page - Infineon Technologies AG V23832-T2131-M101 Datasheet HTML 7Page - Infineon Technologies AG V23832-T2131-M101 Datasheet HTML 8Page - Infineon Technologies AG V23832-T2131-M101 Datasheet HTML 9Page - Infineon Technologies AG V23832-T2131-M101 Datasheet HTML 10Page - Infineon Technologies AG V23832-T2131-M101 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
V23832-T2131-M101
V23832-R121-M101
Description
Data Sheet
7
2003-11-19
Description
PAROLI is a parallel optical link for high-speed data transmission. A complete PAROLI
link consists of a transmitter module, a 12-channel fiber optic cable, and a receiver
module. The transmitter supports LVDS, CML and LVPECL differential signals. This
specification describes the LVDS electrical output only. A specification for Infineon’s
adjustable CML output can be provided separately.
Figure 3
Example of a PAROLI Link
File: 3509
Transmitter
DC-balanced
data stream
PAROLI Link
Receiver
12
12 parallel
channels
12


Similar Part No. - V23832-T2131-M101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23832-T2131-M101 INFINEON-V23832-T2131-M101 Datasheet
668Kb / 30P
   PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
V23832-T2131-M101 INFINEON-V23832-T2131-M101 Datasheet
709Kb / 33P
   PAROLI 2 Tx AC, 1.25 Gbit/s
2003-11-19
More results

Similar Description - V23832-T2131-M101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23814-U1306-M136 INFINEON-V23814-U1306-M136 Datasheet
748Kb / 29P
   PAROLI Tx AC, 1.6 Gbit/s
2002-05-14
V23832-T2431-M101 INFINEON-V23832-T2431-M101 Datasheet
668Kb / 30P
   PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
V23832-T2531-M101 INFINEON-V23832-T2531-M101 Datasheet
709Kb / 33P
   PAROLI 2 Tx AC, 1.25 Gbit/s
2003-11-19
V23814-K1306-M136 INFINEON-V23814-K1306-M136 Datasheet
610Kb / 27P
   PAROLI Tx AC, 1.25 Gbit/s
2001-12-01
V23815-U1306-MXXX INFINEON-V23815-U1306-MXXX Datasheet
168Kb / 9P
   Parallel Optical Link: PAROLI T X AC, 1.6 Gbit/s
SEPTEMBER 1999
logo
Vectron International, ...
C5315 VECTRON-C5315 Datasheet
93Kb / 4P
   2, 5, 10 Gbit/s standard Sonet / SDH
logo
TriQuint Semiconductor
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
   1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
   3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
Infineon Technologies A...
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
   2.5 Gbit/s Transimpedance Amplifier
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com