Electronic Components Datasheet Search |
|
C8051F912-D-GM Datasheet(PDF) 3 Page - Silicon Laboratories |
|
C8051F912-D-GM Datasheet(HTML) 3 Page - Silicon Laboratories |
3 / 335 page C8051F91x-C8051F90x Rev. 1.3 3 Table of Contents 1. System Overview.................................................................................................... 20 1.1. CIP-51™ Microcontroller Core.......................................................................... 23 1.1.1. Fully 8051 Compatible.............................................................................. 23 1.1.2. Improved Throughput ............................................................................... 23 1.1.3. Additional Features .................................................................................. 23 1.2. Port Input/Output............................................................................................... 24 1.3. Serial Ports ....................................................................................................... 25 1.4. Programmable Counter Array ........................................................................... 25 1.5. SAR ADC with 16-bit Auto-Averaging Accumulator and Autonomous Low Power Burst Mode26 1.6. Programmable Current Reference (IREF0) ...................................................... 27 1.7. Comparators ..................................................................................................... 27 2. Ordering Information.............................................................................................. 30 3. Pinout and Package Definitions............................................................................ 31 4. Electrical Characteristics....................................................................................... 42 4.1. Absolute Maximum Specifications .................................................................... 42 4.2. Electrical Characteristics................................................................................... 43 5. SAR ADC with 16-bit Auto-Averaging Accumulator and Autonomous Low Power Burst Mode68 5.1. Output Code Formatting ................................................................................... 69 5.2. Modes of Operation .......................................................................................... 70 5.2.1. Starting a Conversion............................................................................... 70 5.2.2. Tracking Modes........................................................................................ 71 5.2.3. Burst Mode ............................................................................................... 72 5.2.4. Settling Time Requirements ..................................................................... 74 5.2.5. Gain Setting.............................................................................................. 75 5.3. 8-Bit Mode......................................................................................................... 75 5.4. 12-Bit Mode (C8051F912/02 Only) ................................................................... 75 5.5. Low Power Mode (C8051F912/902 only) ......................................................... 75 5.6. Programmable Window Detector ...................................................................... 83 5.6.1. Window Detector In Single-Ended Mode ................................................. 85 5.6.2. ADC0 Specifications................................................................................. 85 5.7. ADC0 Analog Multiplexer.................................................................................. 86 5.8. Temperature Sensor ......................................................................................... 88 5.8.1. Calibration ................................................................................................ 89 5.9. Voltage and Ground Reference Options........................................................... 91 5.10.External Voltage References............................................................................ 92 5.11.Internal Voltage References ............................................................................. 92 5.12.Analog Ground Reference................................................................................ 92 5.13.Temperature Sensor Enable ............................................................................ 92 5.14.Voltage Reference Electrical Specifications ..................................................... 93 6. Programmable Current Reference (IREF0) .......................................................... 94 6.1. PWM Enhanced Mode ...................................................................................... 94 |
Similar Part No. - C8051F912-D-GM |
|
Similar Description - C8051F912-D-GM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |