Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4310A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP4310A
Description  DUAL OP AMP AND VOLTAGE REFERENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4310A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP4310A Datasheet HTML 1Page - Diodes Incorporated AP4310A Datasheet HTML 2Page - Diodes Incorporated AP4310A Datasheet HTML 3Page - Diodes Incorporated AP4310A Datasheet HTML 4Page - Diodes Incorporated AP4310A Datasheet HTML 5Page - Diodes Incorporated AP4310A Datasheet HTML 6Page - Diodes Incorporated AP4310A Datasheet HTML 7Page - Diodes Incorporated AP4310A Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP4310A
Document number: DS36510 Rev. 2 - 2
2 of 8
www.diodes.com
September 2014
© Diodes Incorporated
AP4310A
A Product Line of
Diodes Incorporated
Functional Block Diagram
-
+
-
+
1
2
3
4
8
7
6
5
Op
Amp 1
Op
Amp 2
OUTPUT 1
INPUT 1-
INPUT 1+/VKA
GND
VCC
OUTPUT 2
INPUT 2-
INPUT 2+
VREF
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage (VCC to GND)
40
V
VIN
Op Amp1 and 2 Input Voltage Range (Pins 2, 5, 6)
-0.3 to VCC+0.3
V
VID
Op Amp 2 Input Differential Voltage (Pins 5, 6)
40
V
IK
Voltage Reference Cathode Current (Pin 3)
100
mA
PD
Power Dissipation (TA = +25°C)
500
mW
TJ
Operating Junction Temperature
+150
C
TSTG
Storage Temperature Range
-65 to +150
C
TLEAD
Lead Temperature (Soldering 10sec)
+260
C
ESD
ESD (Human Body Model)
≥2000
V
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Min
Max
Unit
Supply Voltage
3
36
V
Ambient Temperature
-40
+105
C


Similar Part No. - AP4310A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4310AM BCDSEMI-AP4310AM Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310AM BCDSEMI-AP4310AM Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310AM-E1 BCDSEMI-AP4310AM-E1 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310AMTR BCDSEMI-AP4310AMTR Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310AMTR BCDSEMI-AP4310AMTR Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4310A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com