Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F860-C-GS Datasheet(PDF) 10 Page - Silicon Laboratories

Part # C8051F860-C-GS
Description  Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F860-C-GS Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button C8051F860-C-GS Datasheet HTML 6Page - Silicon Laboratories C8051F860-C-GS Datasheet HTML 7Page - Silicon Laboratories C8051F860-C-GS Datasheet HTML 8Page - Silicon Laboratories C8051F860-C-GS Datasheet HTML 9Page - Silicon Laboratories C8051F860-C-GS Datasheet HTML 10Page - Silicon Laboratories C8051F860-C-GS Datasheet HTML 11Page - Silicon Laboratories C8051F860-C-GS Datasheet HTML 12Page - Silicon Laboratories C8051F860-C-GS Datasheet HTML 13Page - Silicon Laboratories C8051F860-C-GS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 328 page
background image
9
Rev. 1.0
Digital Core Supply Current (–Ix Devices, -40°C to +125°C)
Normal Mode—Full speed
with code executing from flash
IDD
FSYSCLK = 24.5 MHz
2
4.45
5.25
mA
FSYSCLK = 1.53 MHz
2
915
1600
μA
FSYSCLK = 80 kHz
3, T
A = 25 °C
250
290
μA
FSYSCLK = 80 kHz
3
250
725
μA
Idle Mode—Core halted with
peripherals running
IDD
FSYSCLK = 24.5 MHz
2
2.05
2.6
mA
FSYSCLK = 1.53 MHz
2
550
1000
μA
FSYSCLK = 80 kHz
3, T
A = 25 °C
125
130
μA
FSYSCLK = 80 kHz
3
125
550
μA
Stop Mode—Core halted and
all clocks stopped, Supply
monitor off.
IDD
Internal LDO ON, TA = 25 °C
105
120
μA
Internal LDO ON
105
270
μA
Internal LDO OFF
0.2
μA
Analog Peripheral Supply Currents (Both –Gx and –Ix Devices)
High-Frequency Oscillator
IHFOSC
Operating at 24.5 MHz,
TA = 25 °C
155
µA
Low-Frequency Oscillator
ILFOSC
Operating at 80 kHz,
TA = 25 °C
3.5
µA
ADC0 Always-on4
IADC
800 ksps, 10-bit conversions or
200 ksps, 12-bit conversions
Normal bias settings
VDD = 3.0 V
845
1200
µA
250 ksps, 10-bit conversions or
62.5 ksps 12-bit conversions
Low power bias settings
VDD = 3.0 V
425
580
µA
ADC0 Burst Mode, 10-bit sin-
gle conversions, external ref-
erence
IADC
200 ksps, VDD = 3.0 V
370
µA
100 ksps, VDD = 3.0 V
185
µA
10 ksps, VDD = 3.0 V
19
µA
Table 1.2. Power Consumption (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Currents are additive. For example, where
IDD is specified and the mode is not mutually exclusive, enabling the
functions increases supply current by the specified amount.
2. Includes supply current from internal regulator, supply monitor, and High Frequency Oscillator.
3. Includes supply current from internal regulator, supply monitor, and Low Frequency Oscillator.
4. ADC0 always-on power excludes internal reference supply current.
5. The internal reference is enabled as-needed when operating the ADC in burst mode to save power.


Similar Part No. - C8051F860-C-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F860-C-GS SILABS-C8051F860-C-GS Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
More results

Similar Description - C8051F860-C-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
   High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com