Electronic Components Datasheet Search |
|
C8051F862-C-GS Datasheet(PDF) 9 Page - Silicon Laboratories |
|
C8051F862-C-GS Datasheet(HTML) 9 Page - Silicon Laboratories |
9 / 328 page Rev. 1.0 8 1. Electrical Specifications 1.1. Electrical Characteristics All electrical parameters in all tables are specified under the conditions listed in Table 1.1, unless stated otherwise. Table 1.1. Recommended Operating Conditions Parameter Symbol Test Condition Min Typ Max Unit Operating Supply Voltage on VDD VDD 2.2 — 3.6 V System Clock Frequency fSYSCLK 0 — 25 MHz Operating Ambient Temperature TA Commercial Grade Devices (-GM, -GS, -GU) –40 — 85 °C Industrial Grade Devices (-IM, -IS, -IU) –40 — 125 °C Note: All voltages with respect to GND Table 1.2. Power Consumption Parameter Symbol Test Condition Min Typ Max Unit Digital Core Supply Current (–Gx Devices, -40°C to +85°C) Normal Mode—Full speed with code executing from flash IDD FSYSCLK = 24.5 MHz 2 — 4.45 4.85 mA FSYSCLK = 1.53 MHz 2 — 915 1150 μA FSYSCLK = 80 kHz 3, T A = 25 °C — 250 290 μA FSYSCLK = 80 kHz 3 — 250 380 μA Idle Mode—Core halted with peripherals running IDD FSYSCLK = 24.5 MHz 2 — 2.05 2.3 mA FSYSCLK = 1.53 MHz 2 — 550 700 μA FSYSCLK = 80 kHz 3, T A = 25 °C — 125 130 μA FSYSCLK = 80 kHz 3 — 125 200 μA Stop Mode—Core halted and all clocks stopped, Supply monitor off. IDD Internal LDO ON, TA = 25 °C — 105 120 μA Internal LDO ON — 105 170 μA Internal LDO OFF — 0.2 — μA Notes: 1. Currents are additive. For example, where IDD is specified and the mode is not mutually exclusive, enabling the functions increases supply current by the specified amount. 2. Includes supply current from internal regulator, supply monitor, and High Frequency Oscillator. 3. Includes supply current from internal regulator, supply monitor, and Low Frequency Oscillator. 4. ADC0 always-on power excludes internal reference supply current. 5. The internal reference is enabled as-needed when operating the ADC in burst mode to save power. |
Similar Part No. - C8051F862-C-GS |
|
Similar Description - C8051F862-C-GS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |