Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4310E Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP4310E
Description  DUAL OP AMP AND VOLTAGE REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4310E Datasheet(HTML) 1 Page - Diodes Incorporated

  AP4310E Datasheet HTML 1Page - Diodes Incorporated AP4310E Datasheet HTML 2Page - Diodes Incorporated AP4310E Datasheet HTML 3Page - Diodes Incorporated AP4310E Datasheet HTML 4Page - Diodes Incorporated AP4310E Datasheet HTML 5Page - Diodes Incorporated AP4310E Datasheet HTML 6Page - Diodes Incorporated AP4310E Datasheet HTML 7Page - Diodes Incorporated AP4310E Datasheet HTML 8Page - Diodes Incorporated AP4310E Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP4310E
Document number: DS36787 Rev. 3 - 2
1 of 9
www.diodes.com
September 2014
© Diodes Incorporated
AP4310E
A Product Line of
Diodes Incorporated
DUAL OP AMP AND VOLTAGE REFERENCE
Description
The AP4310E is a monolithic IC specifically designed to regulate the
output current and voltage levels of switching battery chargers and
power supplies
The device contains two Op Amps and a 2.5V precision shunt voltage
reference. Op Amp 1 is designed for voltage control with its non-
inverting input internally connected to the output of the shunt
regulator. Op Amp 2 is for current control with both inputs
uncommitted. The IC offers the power converter designer a control
solution that features increased precision with a corresponding
reduction in system complexity and cost. AP4310E has more
stringent reference voltage tolerance and offset.
The AP4310E is available in standard package of SO-8.
Applications
Battery Charger
Switching Power Supply
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
OUTPUT 1
INPUT 1-
INPUT 1+/VKA
GND
INPUT 2-
INPUT 2+
OUTPUT 2
VCC
SO-8
Features
OP Amp
Input Offset Voltage: 0.5mV
Supply Current: 75
A per OP Amp at 5.0V Supply Voltage
Unity Gain Bandwidth:1MHz
Output Voltage Swing: 0 to VCC-1.5V
Power Supply Range: 3 to 36V
Voltage Reference
Fixed Output Voltage Reference: 2.5V
Reference Voltage Tolerance: ±0.4%
Sink Current Capability: 0.05 to 80mA
Typical Output Impedance: 0.2
Totally Lead-free & Fully RoHS Compliant (Notes1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP4310E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310AM BCDSEMI-AP4310AM Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310AM BCDSEMI-AP4310AM Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4310E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com