Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8BB3 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFM8BB3
Description  The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8BB3 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFM8BB3 Datasheet HTML 5Page - Silicon Laboratories EFM8BB3 Datasheet HTML 6Page - Silicon Laboratories EFM8BB3 Datasheet HTML 7Page - Silicon Laboratories EFM8BB3 Datasheet HTML 8Page - Silicon Laboratories EFM8BB3 Datasheet HTML 9Page - Silicon Laboratories EFM8BB3 Datasheet HTML 10Page - Silicon Laboratories EFM8BB3 Datasheet HTML 11Page - Silicon Laboratories EFM8BB3 Datasheet HTML 12Page - Silicon Laboratories EFM8BB3 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Universal Asynchronous Receiver/Transmitter (UART1)
UART1 is an asynchronous, full duplex serial port offering a variety of data formatting options. A dedicated baud rate generator with a
16-bit timer and selectable prescaler is included, which can generate a wide range of baud rates. A received data FIFO allows UART1
to receive multiple bytes before data is lost and an overflow occurs.
UART1 provides the following features:
• Asynchronous transmissions and receptions
• Dedicated baud rate generator supports baud rates up to SYSCLK/2 (transmit) or SYSCLK/8 (receive)
• 5, 6, 7, 8, or 9 bit data
• Automatic start and stop generation
• Automatic parity generation and checking
• Single-byte buffer on transmit and receive
• Auto-baud detection
• LIN break and sync field detection
• CTS / RTS hardware flow control
Serial Peripheral Interface (SPI0)
The serial peripheral interface (SPI) module provides access to a flexible, full-duplex synchronous serial bus. The SPI can operate as a
master or slave device in both 3-wire or 4-wire modes, and supports multiple masters and slaves on a single SPI bus. The slave-select
(NSS) signal can be configured as an input to select the SPI in slave mode, or to disable master mode operation in a multi-master
environment, avoiding contention on the SPI bus when more than one master attempts simultaneous data transfers. NSS can also be
configured as a firmware-controlled chip-select output in master mode, or disabled to reduce the number of pins required. Additional
general purpose port I/O pins can be used to select multiple slave devices in master mode.
• Supports 3- or 4-wire master or slave modes
• Supports external clock frequencies up to 12 Mbps in master or slave mode
• Support for all clock phase and polarity modes
• 8-bit programmable clock rate (master)
• Programmable receive timeout (slave)
• Two byte FIFO on transmit and receive
• Can operate in suspend or snooze modes and wake the CPU on reception of a byte
• Support for multiple masters on the same data lines
System Management Bus / I2C (SMB0)
The SMBus I/O interface is a two-wire, bi-directional serial bus. The SMBus is compliant with the System Management Bus Specifica-
tion, version 1.1, and compatible with the I2C serial bus.
The SMBus module includes the following features:
• Standard (up to 100 kbps) and Fast (400 kbps) transfer speeds
• Support for master, slave, and multi-master modes
• Hardware synchronization and arbitration for multi-master mode
• Clock low extending (clock stretching) to interface with faster masters
• Hardware support for 7-bit slave and general call address recognition
• Firmware support for 10-bit slave address decoding
• Ability to inhibit all slave states
• Programmable data setup/hold times
• Transmit and receive buffers to help increase throughput in faster applications
EFM8BB3 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.2 | 8


Similar Part No. - EFM8BB3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB31F16G-B-QFN24 SILABS-EFM8BB31F16G-B-QFN24 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB31F16G-B-QFN24R SILABS-EFM8BB31F16G-B-QFN24R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB31F16G-B-QFN32 SILABS-EFM8BB31F16G-B-QFN32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB31F16G-B-QFN32R SILABS-EFM8BB31F16G-B-QFN32R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB31F16G-B-QFP32 SILABS-EFM8BB31F16G-B-QFP32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8BB3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
   Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com