Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8SB10F8G-A-QFN20 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM8SB10F8G-A-QFN20
Description  The EFM8SB1 highlighted features are listed below
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8SB10F8G-A-QFN20 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM8SB10F8G-A-QFN20 Datasheet HTML 1Page - Silicon Laboratories EFM8SB10F8G-A-QFN20 Datasheet HTML 2Page - Silicon Laboratories EFM8SB10F8G-A-QFN20 Datasheet HTML 3Page - Silicon Laboratories EFM8SB10F8G-A-QFN20 Datasheet HTML 4Page - Silicon Laboratories EFM8SB10F8G-A-QFN20 Datasheet HTML 5Page - Silicon Laboratories EFM8SB10F8G-A-QFN20 Datasheet HTML 6Page - Silicon Laboratories EFM8SB10F8G-A-QFN20 Datasheet HTML 7Page - Silicon Laboratories EFM8SB10F8G-A-QFN20 Datasheet HTML 8Page - Silicon Laboratories EFM8SB10F8G-A-QFN20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
2. Ordering Information
EFM8 SB1
0 F 8 G
A QSOP24 R
Tape and Reel (Optional)
Package Type
Revision
Temperature Grade G (-40 to +85)
Flash Memory Size – 8 KB
Memory Type (Flash)
Family Feature Set
Sleepy Bee 1 Family
Silicon Labs EFM8 Product Line
Figure 2.1. EFM8SB1 Part Numbering
All EFM8SB1 family members have the following features:
• CIP-51 Core running up to 25 MHz
• Three Internal Oscillators (24.5 MHz, 20 MHz, and 16 kHz)
• SMBus / I2C
• SPI
• UART
• 3-Channel Programmable Counter Array (PWM, Clock Generation, Capture/Compare)
• 4 16-bit Timers
• Analog Comparator
• 6-bit current sourc reference
• 12-bit Analog-to-Digital Converter with integrated multiplexer, voltage reference, and temperature sensor
• 16-bit CRC Unit
• Pre-loaded UART bootloader
In addition to these features, each part number in the EFM8SB1 family has a set of features that vary across the product line. The
product selection guide shows the features available on each family member.
Table 2.1. Product Selection Guide
EFM8SB10F8G-A-QSOP24
8
512
17
10
14
Yes
-40 to +85 C
QSOP24
EFM8SB10F8G-A-QFN24
8
512
17
10
14
Yes
-40 to +85 C
QFN24
EFM8SB10F8G-A-QFN20
8
512
16
9
13
Yes
-40 to +85 C
QFN20
EFM8SB10F8G-A-CSP16
8
512
13
9
12
Yes
-40 to +85 C
CSP16
EFM8SB10F4G-A-QFN20
4
512
16
9
13
Yes
-40 to +85 C
QFN20
EFM8SB10F2G-A-QFN20
2
256
16
9
13
Yes
-40 to +85 C
QFN20
EFM8SB1 Data Sheet
Ordering Information
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 2


Similar Part No. - EFM8SB10F8G-A-QFN20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB10F8G-A-QFN20 SILABS-EFM8SB10F8G-A-QFN20 Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
EFM8SB10F8G-A-QFN20R SILABS-EFM8SB10F8G-A-QFN20R Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
More results

Similar Description - EFM8SB10F8G-A-QFN20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com