Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8LB12F32E-A-QFN32 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EFM8LB12F32E-A-QFN32
Description  The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8LB12F32E-A-QFN32 Datasheet(HTML) 5 Page - Silicon Laboratories

  EFM8LB12F32E-A-QFN32 Datasheet HTML 1Page - Silicon Laboratories EFM8LB12F32E-A-QFN32 Datasheet HTML 2Page - Silicon Laboratories EFM8LB12F32E-A-QFN32 Datasheet HTML 3Page - Silicon Laboratories EFM8LB12F32E-A-QFN32 Datasheet HTML 4Page - Silicon Laboratories EFM8LB12F32E-A-QFN32 Datasheet HTML 5Page - Silicon Laboratories EFM8LB12F32E-A-QFN32 Datasheet HTML 6Page - Silicon Laboratories EFM8LB12F32E-A-QFN32 Datasheet HTML 7Page - Silicon Laboratories EFM8LB12F32E-A-QFN32 Datasheet HTML 8Page - Silicon Laboratories EFM8LB12F32E-A-QFN32 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
3. System Overview
3.1 Introduction
System Clock
Configuration
CIP-51 8051 Controller
Core
64 KB ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
4096 Byte XRAM
SYSCLK
Independent
Watchdog
Timer
Power
Net
Voltage
Regulator
VDD
VREGIN
GND
EXTCLK
Power-On
Reset
Supply
Monitor
C2CK/RSTb
Reset
Debug /
Programming
Hardware
C2D
Analog Peripherals
Digital Peripherals
Priority
Crossbar
Decoder
Crossbar
Control
Port I/O Configuration
CRC
2 Comparators
14/12/10-
bit ADC
Temp
Sensor
VREF
VDD
VDD
Internal
Reference
+
-+
-
UART1
Timers 0,
1, 2, 3, 4, 5
6-ch PCA
I2C /
SMBus
SPI
Port 0
Drivers
Port 1
Drivers
P0.n
Port 2
Drivers
P2.n
P1.n
Port 3
Drivers
P3.n
UART0
I2C Slave
VIO
XTAL1
XTAL2
Config.
Logic
Units (4)
24.5 MHz 2%
Oscillator
CMOS Clock
Input
72 MHz 2%
Oscillator
Low Freq.
Oscillator
External Crystal /
RC Oscillator
4 12-bit
DACs
Figure 3.1. Detailed EFM8LB1 Block Diagram
EFM8LB1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.4 | 4


Similar Part No. - EFM8LB12F32E-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB12F32E-B-QFN24 SILABS-EFM8LB12F32E-B-QFN24 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN24R SILABS-EFM8LB12F32E-B-QFN24R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN32 SILABS-EFM8LB12F32E-B-QFN32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN32R SILABS-EFM8LB12F32E-B-QFN32R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFP32 SILABS-EFM8LB12F32E-B-QFP32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8LB12F32E-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
   Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com