Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8SB10F8G-A-CSP16 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # EFM8SB10F8G-A-CSP16
Description  The EFM8SB1 highlighted features are listed below
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8SB10F8G-A-CSP16 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button EFM8SB10F8G-A-CSP16 Datasheet HTML 2Page - Silicon Laboratories EFM8SB10F8G-A-CSP16 Datasheet HTML 3Page - Silicon Laboratories EFM8SB10F8G-A-CSP16 Datasheet HTML 4Page - Silicon Laboratories EFM8SB10F8G-A-CSP16 Datasheet HTML 5Page - Silicon Laboratories EFM8SB10F8G-A-CSP16 Datasheet HTML 6Page - Silicon Laboratories EFM8SB10F8G-A-CSP16 Datasheet HTML 7Page - Silicon Laboratories EFM8SB10F8G-A-CSP16 Datasheet HTML 8Page - Silicon Laboratories EFM8SB10F8G-A-CSP16 Datasheet HTML 9Page - Silicon Laboratories EFM8SB10F8G-A-CSP16 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
3.5 Counters/Timers and PWM
Real Time Clock (RTC0)
The RTC is an ultra low power, 36 hour 32-bit independent time-keeping Real Time Clock with alarm. The RTC has a dedicated 32 kHz
oscillator. No external resistor or loading capacitors are required, and a missing clock detector features alerts the system if the external
crystal fails. The on-chip loading capacitors are programmable to 16 discrete levels allowing compatibility with a wide range of crystals.
The RTC module includes the following features:
• Up to 36 hours (32-bit) of independent time keeping.
• Support for internal 16.4 kHz low frequency oscillator (LFOSC0) or external 32 kHz crystal (crystal not available on CSP16 pack-
ages).
• Internal crystal loading capacitors with 16 levels.
• Operation in the lowest power mode and across the full supported voltage range.
• Alarm and oscillator failure events to wake from the lowest power mode or reset the device.
• Buffered clock output available for other system devices even in the lowest power mode.
Programmable Counter Array (PCA0)
The programmable counter array (PCA) provides multiple channels of enhanced timer and PWM functionality while requiring less CPU
intervention than standard counter/timers. The PCA consists of a dedicated 16-bit counter/timer and one 16-bit capture/compare mod-
ule for each channel. The counter/timer is driven by a programmable timebase that has flexible external and internal clocking options.
Each capture/compare module may be configured to operate independently in one of five modes: Edge-Triggered Capture, Software
Timer, High-Speed Output, Frequency Output, or Pulse-Width Modulated (PWM) Output. Each capture/compare module has its own
associated I/O line (CEXn) which is routed through the crossbar to port I/O when enabled.
• 16-bit time base.
• Programmable clock divisor and clock source selection.
• Up to three independently-configurable channels
• 8, 9, 10, 11 and 16-bit PWM modes (edge-aligned operation).
• Frequency output mode.
• Capture on rising, falling or any edge.
• Compare function for arbitrary waveform generation.
• Software timer (internal compare) mode.
• Integrated watchdog timer.
Timers (Timer 0, Timer 1, Timer 2, and Timer 3)
Several counter/timers are included in the device: two are 16-bit counter/timers compatible with those found in the standard 8051, and
the rest are 16-bit auto-reload timers for timing peripherals or for general purpose use. These timers can be used to measure time inter-
vals, count external events and generate periodic interrupt requests. Timer 0 and Timer 1 are nearly identical and have four primary
modes of operation. The other timers offer both 16-bit and split 8-bit timer functionality with auto-reload and capture capabilities.
Timer 0 and Timer 1 include the following features:
• Standard 8051 timers, supporting backwards-compatibility with firmware and hardware.
• Clock sources include SYSCLK, SYSCLK divided by 12, 4, or 48, the External Clock divided by 8, or an external pin.
• 8-bit auto-reload counter/timer mode
• 13-bit counter/timer mode
• 16-bit counter/timer mode
• Dual 8-bit counter/timer mode (Timer 0)
Timer 2 and Timer 3 are 16-bit timers including the following features:
• Clock sources include SYSCLK, SYSCLK divided by 12, or the External Clock divided by 8.
• 16-bit auto-reload timer mode
• Dual 8-bit auto-reload timer mode
• Comparator 0 or RTC0 capture (Timer 2)
• RTC0 or EXTCLK/8 capture (Timer 3)
EFM8SB1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 5


Similar Part No. - EFM8SB10F8G-A-CSP16

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB10F8G-A-CSP16 SILABS-EFM8SB10F8G-A-CSP16 Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
EFM8SB10F8G-A-CSP16R SILABS-EFM8SB10F8G-A-CSP16R Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
More results

Similar Description - EFM8SB10F8G-A-CSP16

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com