Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8BB31F32G-A-QFN24 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # EFM8BB31F32G-A-QFN24
Description  The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8BB31F32G-A-QFN24 Datasheet(HTML) 2 Page - Silicon Laboratories

  EFM8BB31F32G-A-QFN24 Datasheet HTML 1Page - Silicon Laboratories EFM8BB31F32G-A-QFN24 Datasheet HTML 2Page - Silicon Laboratories EFM8BB31F32G-A-QFN24 Datasheet HTML 3Page - Silicon Laboratories EFM8BB31F32G-A-QFN24 Datasheet HTML 4Page - Silicon Laboratories EFM8BB31F32G-A-QFN24 Datasheet HTML 5Page - Silicon Laboratories EFM8BB31F32G-A-QFN24 Datasheet HTML 6Page - Silicon Laboratories EFM8BB31F32G-A-QFN24 Datasheet HTML 7Page - Silicon Laboratories EFM8BB31F32G-A-QFN24 Datasheet HTML 8Page - Silicon Laboratories EFM8BB31F32G-A-QFN24 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
1. Feature List
The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below.
• Core:
• Pipelined CIP-51 Core
• Fully compatible with standard 8051 instruction set
• 70% of instructions execute in 1-2 clock cycles
• 50 MHz maximum operating frequency
• Memory:
• Up to 64 kB flash memory (63 kB user-accessible), in-sys-
tem re-programmable from firmware in 512-byte sectors
• Up to 4352 bytes RAM (including 256 bytes standard 8051
RAM and 4096 bytes on-chip XRAM)
• Power:
• Internal LDO regulator for CPU core voltage
• Power-on reset circuit and brownout detectors
• I/O: Up to 29 total multifunction I/O pins:
• Up to 25 pins 5 V tolerant under bias
• Selectable state retention through reset events
• Flexible peripheral crossbar for peripheral routing
• 5 mA source, 12.5 mA sink allows direct drive of LEDs
• Clock Sources:
• Internal 49 MHz oscillator with accuracy of ±2%
• Internal 24.5 MHz oscillator with ±2% accuracy
• Internal 80 kHz low-frequency oscillator
• External CMOS clock option
• External crystal/RC/C Oscillator (up to 25 MHz)
• Analog:
• 12/10-Bit Analog-to-Digital Converter (ADC)
• Internal temperature sensor
• 4 x 12-Bit Digital-to-Analog Converters (DAC)
• 2 x Low-current analog comparators with adjustable refer-
ence
• Communications and Digital Peripherals:
• 2 x UART, up to 3 Mbaud
• SPI™ Master / Slave, up to 12 Mbps
• SMBus™/I2C™ Master / Slave, up to 400 kbps
• I2C High-Speed Slave, up to 3.4 Mbps
• 16-bit CRC unit, supporting automatic CRC of flash at 256-
byte boundaries
• 4 Configurable Logic Units
• Timers/Counters and PWM:
• 6-channel programmable counter array (PCA) supporting
PWM, capture/compare, and frequency output modes
• 6 x 16-bit general-purpose timers
• Independent watchdog timer, clocked from the low frequen-
cy oscillator
• On-Chip, Non-Intrusive Debugging
• Full memory and register inspection
• Four hardware breakpoints, single-stepping
With on-chip power-on reset, voltage supply monitor, watchdog timer, and clock oscillator, the EFM8BB3 devices are truly standalone
system-on-a-chip solutions. The flash memory is reprogrammable in-circuit, providing nonvolatile data storage and allowing field up-
grades of the firmware. The on-chip debugging interface (C2) allows non-intrusive (uses no on-chip resources), full speed, in-circuit
debugging using the production MCU installed in the final application. This debug logic supports inspection and modification of memory
and registers, setting breakpoints, single stepping, and run and halt commands. All analog and digital peripherals are fully functional
while debugging. Device operation is specified from 2.2 V up to a 3.6 V supply. Devices are AEC-Q100 qualified (pending) and availa-
ble in 4x4 mm 32-pin QFN, 3x3 mm 24-pin QFN, 32-pin QFP, or 24-pin QSOP packages. All package options are lead-free and RoHS
compliant.
EFM8BB3 Data Sheet
Feature List
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.2 | 1


Similar Part No. - EFM8BB31F32G-A-QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB31F32G-B-QFN24 SILABS-EFM8BB31F32G-B-QFN24 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB31F32G-B-QFN24R SILABS-EFM8BB31F32G-B-QFN24R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB31F32G-B-QFN32 SILABS-EFM8BB31F32G-B-QFN32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB31F32G-B-QFN32R SILABS-EFM8BB31F32G-B-QFN32R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8BB31F32G-B-QFP32 SILABS-EFM8BB31F32G-B-QFP32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8BB31F32G-A-QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
   Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com