Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8UB1 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EFM8UB1
Description  The EFM8UB1 highlighted features are listed below
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8UB1 Datasheet(HTML) 5 Page - Silicon Laboratories

  EFM8UB1 Datasheet HTML 1Page - Silicon Laboratories EFM8UB1 Datasheet HTML 2Page - Silicon Laboratories EFM8UB1 Datasheet HTML 3Page - Silicon Laboratories EFM8UB1 Datasheet HTML 4Page - Silicon Laboratories EFM8UB1 Datasheet HTML 5Page - Silicon Laboratories EFM8UB1 Datasheet HTML 6Page - Silicon Laboratories EFM8UB1 Datasheet HTML 7Page - Silicon Laboratories EFM8UB1 Datasheet HTML 8Page - Silicon Laboratories EFM8UB1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
3.2 Power
All internal circuitry draws power from the VDD supply pin. External I/O pins are powered from the VIO supply voltage (or VDD on devi-
ces without a separate VIO connection), while most of the internal circuitry is supplied by an on-chip LDO regulator. Control over the
device power can be achieved by enabling/disabling individual peripherals as needed. Each analog peripheral can be disabled when
not in use and placed in low power mode. Digital peripherals, such as timers and serial buses, have their clocks gated off and draw little
power when they are not in use.
Table 3.1. Power Modes
Power Mode
Details
Mode Entry
Wake-Up Sources
Normal
Core and all peripherals clocked and fully operational
Idle
• Core halted
• All peripherals clocked and fully operational
• Code resumes execution on wake event
Set IDLE bit in PCON0
Any interrupt
Suspend
• Core and peripheral clocks halted
• HFOSC0 and HFOSC1 oscillators stopped
• Regulators in normal bias mode for fast wake
• Timer 3 and 4 may clock from LFOSC0
• Code resumes execution on wake event
1. Switch SYSCLK to
HFOSC0
2. Set SUSPEND bit in
PCON1
• USB0 Bus Activity
• Timer 4 Event
• SPI0 Activity
• I2C0 Slave Activity
• Port Match Event
• Comparator 0 Falling
Edge
Stop
• All internal power nets shut down
• 5V regulator remains active (if enabled)
• Internal 1.8 V LDO on
• Pins retain state
• Exit on any reset source
1. Clear STOPCF bit in
REG0CN
2. Set STOP bit in
PCON0
Any reset source
Snooze
• Core and peripheral clocks halted
• HFOSC0 and HFOSC1 oscillators stopped
• Regulators in low bias current mode for energy sav-
ings
• Timer 3 and 4 may clock from LFOSC0
• Code resumes execution on wake event
1. Switch SYSCLK to
HFOSC0
2. Set SNOOZE bit in
PCON1
• USB0 Bus Activity
• Timer 4 Event
• SPI0 Activity
• I2C0 Slave Activity
• Port Match Event
• Comparator 0 Falling
Edge
Shutdown
• All internal power nets shut down
• 5V regulator remains active (if enabled)
• Internal 1.8 V LDO off to save energy
• Pins retain state
• Exit on pin or power-on reset
1. Set STOPCF bit in
REG0CN
2. Set STOP bit in
PCON0
• RSTb pin reset
• Power-on reset
3.3 I/O
Digital and analog resources are externally available on the device’s multi-purpose I/O pins. Port pins P0.0-P2.3 can be defined as gen-
eral-purpose I/O (GPIO), assigned to one of the internal digital resources through the crossbar or dedicated channels, or assigned to an
analog function. Port pins P3.0 and P3.1 can be used as GPIO. Additionally, the C2 Interface Data signal (C2D) is shared with P3.0.
The port control block offers the following features:
• Up to 22 multi-functions I/O pins, supporting digital and analog functions.
• Flexible priority crossbar decoder for digital peripheral assignment.
• Two drive strength settings for each port.
• Two direct-pin interrupt sources with dedicated interrupt vectors (INT0 and INT1).
• Up to 20 direct-pin interrupt sources with shared interrupt vector (Port Match).
EFM8UB1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 4


Similar Part No. - EFM8UB1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8UB10F16G-C-QFN20 SILABS-EFM8UB10F16G-C-QFN20 Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB10F16G-C-QFN20R SILABS-EFM8UB10F16G-C-QFN20R Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB10F16G-C-QFN28 SILABS-EFM8UB10F16G-C-QFN28 Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB10F16G-C-QFN28R SILABS-EFM8UB10F16G-C-QFN28R Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB10F8G-C-QFN20 SILABS-EFM8UB10F8G-C-QFN20 Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8UB1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com