Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8SB20F32G-A-QFN32 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # EFM8SB20F32G-A-QFN32
Description  The EFM8SB2 highlighted features are listed below
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8SB20F32G-A-QFN32 Datasheet(HTML) 2 Page - Silicon Laboratories

  EFM8SB20F32G-A-QFN32 Datasheet HTML 1Page - Silicon Laboratories EFM8SB20F32G-A-QFN32 Datasheet HTML 2Page - Silicon Laboratories EFM8SB20F32G-A-QFN32 Datasheet HTML 3Page - Silicon Laboratories EFM8SB20F32G-A-QFN32 Datasheet HTML 4Page - Silicon Laboratories EFM8SB20F32G-A-QFN32 Datasheet HTML 5Page - Silicon Laboratories EFM8SB20F32G-A-QFN32 Datasheet HTML 6Page - Silicon Laboratories EFM8SB20F32G-A-QFN32 Datasheet HTML 7Page - Silicon Laboratories EFM8SB20F32G-A-QFN32 Datasheet HTML 8Page - Silicon Laboratories EFM8SB20F32G-A-QFN32 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
1. Feature List
The EFM8SB2 highlighted features are listed below.
• Core:
• Pipelined CIP-51 Core
• Fully compatible with standard 8051 instruction set
• 70% of instructions execute in 1-2 clock cycles
• 25 MHz maximum operating frequency
• Memory:
• Up to 64 kB flash memory, in-system re-programmable
from firmware.
• Up to 4352 bytes RAM (including 256 bytes standard 8051
RAM and 4096 bytes on-chip XRAM)
• Power:
• Internal LDO regulator for CPU core voltage
• Power-on reset circuit and brownout detectors
• I/O: Up to 24 total multifunction I/O pins:
• Flexible peripheral crossbar for peripheral routing
• 5 mA source, 12.5 mA sink allows direct drive of LEDs
• Clock Sources:
• Internal 20 MHz low power oscillator with ±10% accuracy
• Internal 24.5 MHz precision oscillator with ±2% accuracy
• External RTC 32 kHz crystal
• External crystal, RC, C, and CMOS clock options
• Timers/Counters and PWM:
• 32-bit Real Time Clock (RTC)
• 6-channel programmable counter array (PCA) supporting
PWM, capture/compare, and frequency output modes with
watchdog timer function
• 4 x 16-bit general-purpose timers
• Communications and Digital Peripherals:
• UART
• 2 x SPI™ Master / Slave
• SMBus™/I2C™ Master / Slave
• External Memory Interface (EMIF)
• 16-bit/32-bit CRC unit, supporting automatic CRC of flash at
1024-byte boundaries
• Analog:
• Programmable current reference (IREF0)
• 10-Bit Analog-to-Digital Converter (ADC0)
• 2 x Low-current analog comparators
• On-Chip, Non-Intrusive Debugging
• Full memory and register inspection
• Four hardware breakpoints, single-stepping
• Pre-loaded UART bootloader
• Temperature range -40 to 85 ºC
• Single power supply 1.8 to 3.6 V
• QFP32, QFN32, and QFN24 packages
With on-chip power-on reset, voltage supply monitor, watchdog timer, and clock oscillator, the EFM8SB2 devices are truly standalone
system-on-a-chip solutions. The flash memory is reprogrammable in-circuit, providing non-volatile data storage and allowing field up-
grades of the firmware. The on-chip debugging interface (C2) allows non-intrusive (uses no on-chip resources), full speed, in-circuit
debugging using the production MCU installed in the final application. This debug logic supports inspection and modification of memory
and registers, setting breakpoints, single stepping, and run and halt commands. All analog and digital peripherals are fully functional
while debugging. Each device is specified for 1.8 to 3.6 V operation and is available in 24-pin QFN, 32-pin QFN, or 32-pin QFP pack-
ages. All package options are lead-free and RoHS compliant.
EFM8SB2 Data Sheet
Feature List
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 1


Similar Part No. - EFM8SB20F32G-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8SB1-SLSTK2010A SILABS-EFM8SB1-SLSTK2010A Datasheet
1Mb / 23P
   EFM8SB10F8G MCU with 8 kB Flash and 512 bytes RAM
Rev. 0.3
EFM8SB10F2G-A-QFN20 SILABS-EFM8SB10F2G-A-QFN20 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8SB10F2G-A-QFN20 SILABS-EFM8SB10F2G-A-QFN20 Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
EFM8SB10F2G-A-QFN20R SILABS-EFM8SB10F2G-A-QFN20R Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
More results

Similar Description - EFM8SB20F32G-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com