Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8LB11F32E-A-QFP32 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # EFM8LB11F32E-A-QFP32
Description  The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8LB11F32E-A-QFP32 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EFM8LB11F32E-A-QFP32 Datasheet HTML 7Page - Silicon Laboratories EFM8LB11F32E-A-QFP32 Datasheet HTML 8Page - Silicon Laboratories EFM8LB11F32E-A-QFP32 Datasheet HTML 9Page - Silicon Laboratories EFM8LB11F32E-A-QFP32 Datasheet HTML 10Page - Silicon Laboratories EFM8LB11F32E-A-QFP32 Datasheet HTML 11Page - Silicon Laboratories EFM8LB11F32E-A-QFP32 Datasheet HTML 12Page - Silicon Laboratories EFM8LB11F32E-A-QFP32 Datasheet HTML 13Page - Silicon Laboratories EFM8LB11F32E-A-QFP32 Datasheet HTML 14Page - Silicon Laboratories EFM8LB11F32E-A-QFP32 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
3.7 Analog
14/12/10-Bit Analog-to-Digital Converter (ADC0)
The ADC is a successive-approximation-register (SAR) ADC with 14-, 12-, and 10-bit modes, integrated track-and hold and a program-
mable window detector. The ADC is fully configurable under software control via several registers. The ADC may be configured to
measure different signals using the analog multiplexer. The voltage reference for the ADC is selectable between internal and external
reference sources.
• Up to 20 external inputs
• Single-ended 14-bit, 12-bit and 10-bit modes
• Supports an output update rate of up to 1 Msps in 12-bit mode
• Channel sequencer logic with direct-to-XDATA output transfers
• Operation in a low power mode at lower conversion speeds
• Asynchronous hardware conversion trigger, selectable between software, external I/O and internal timer and configurable logic sour-
ces
• Output data window comparator allows automatic range checking
• Support for output data accumulation
• Conversion complete and window compare interrupts supported
• Flexible output data formatting
• Includes a fully-internal fast-settling 1.65 V reference and an on-chip precision 2.4 / 1.2 V reference, with support for using the sup-
ply as the reference, an external reference and signal ground
• Integrated factory-calibrated temperature sensor
12-Bit Digital-to-Analog Converters (DAC0, DAC1, DAC2, DAC3)
The DAC modules are 12-bit Digital-to-Analog Converters with the capability to synchronize multiple outputs together. The DACs are
fully configurable under software control. The voltage reference for the DACs is selectable between internal and external reference
sources.
• Voltage output with 12-bit performance
• Hardware conversion trigger, selectable between software, external I/O and internal timer and configurable logic sources
• Outputs may be configured to persist through reset and maintain output state to avoid system disruption
• Multiple DAC outputs can be synchronized together
• DAC pairs (DAC0 and 1 or DAC2 and 3) support complementary output waveform generation
• Outputs may be switched between two levels according to state of configurable logic / PWM input trigger
• Flexible input data formatting
• Supports references from internal supply, on-chip precision reference, or external VREF pin
Low Current Comparators (CMP0, CMP1)
An analog comparator is used to compare the voltage of two analog inputs, with a digital output indicating which input voltage is higher.
External input connections to device I/O pins and internal connections are available through separate multiplexers on the positive and
negative inputs. Hysteresis, response time, and current consumption may be programmed to suit the specific needs of the application.
The comparator includes the following features:
• Up to 10 (CMP0) or 9 (CMP1) external positive inputs
• Up to 10 (CMP0) or 9 (CMP1) external negative inputs
• Additional input options:
• Internal connection to LDO output
• Direct connection to GND
• Direct connection to VDD
• Dedicated 6-bit reference DAC
• Synchronous and asynchronous outputs can be routed to pins via crossbar
• Programmable hysteresis between 0 and ±20 mV
• Programmable response time
• Interrupts generated on rising, falling, or both edges
• PWM output kill feature
EFM8LB1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.4 | 10


Similar Part No. - EFM8LB11F32E-A-QFP32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB11F32E-B-QFN24 SILABS-EFM8LB11F32E-B-QFN24 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB11F32E-B-QFN24R SILABS-EFM8LB11F32E-B-QFN24R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB11F32E-B-QFN32 SILABS-EFM8LB11F32E-B-QFN32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB11F32E-B-QFN32R SILABS-EFM8LB11F32E-B-QFN32R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB11F32E-B-QFP32 SILABS-EFM8LB11F32E-B-QFP32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8LB11F32E-A-QFP32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
   Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com