Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8UB10F8G-C-QFN20 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFM8UB10F8G-C-QFN20
Description  The EFM8UB1 highlighted features are listed below
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8UB10F8G-C-QFN20 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFM8UB10F8G-C-QFN20 Datasheet HTML 1Page - Silicon Laboratories EFM8UB10F8G-C-QFN20 Datasheet HTML 2Page - Silicon Laboratories EFM8UB10F8G-C-QFN20 Datasheet HTML 3Page - Silicon Laboratories EFM8UB10F8G-C-QFN20 Datasheet HTML 4Page - Silicon Laboratories EFM8UB10F8G-C-QFN20 Datasheet HTML 5Page - Silicon Laboratories EFM8UB10F8G-C-QFN20 Datasheet HTML 6Page - Silicon Laboratories EFM8UB10F8G-C-QFN20 Datasheet HTML 7Page - Silicon Laboratories EFM8UB10F8G-C-QFN20 Datasheet HTML 8Page - Silicon Laboratories EFM8UB10F8G-C-QFN20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
EFM8 Universal Bee Family
EFM8UB1 Data Sheet
The EFM8UB1, part of the Universal Bee family of MCUs, is a
multi-purpose line of 8-bit microcontrollers with USB feature set in
small packages.
These devices offer high value by integrating an innovative energy-smart USB peripheral
interface, charger detect circuit, 8 kV ESD protection, and enhanced high speed commu-
nication interfaces into small packages, making them ideal for space-constrained USB
applications. With an efficient 8051 core and precision analog, the EFM8UB1 family is
also optimal for embedded applications.
EFM8UB1 applications include the following:
KEY FEATURES
• Pipelined 8-bit C8051 core with 50 MHz
maximum operating frequency
• Up to 22 multifunction, 5 V tolerant I/O pins
• Low Energy USB with full- and low-speed
support saves up to 90% of the USB
energy
• USB charger detect circuit (USB-BCS 1.2
compliant)
• One 12-bit ADC and two analog
comparators with internal voltage DAC as
reference input
• Five 16-bit timers
• Two UARTs, SPI, SMBus/I2C master/slave
and I2C slave
• Priority crossbar for flexible pin mapping
• USB I/O controls, dongles
• High-speed communication bridge
• Consumer electronics
• Medical equipment
Security
I/O Ports
Core / Memory
Clock Management
CIP-51 8051 Core
(50 MHz)
High Frequency
48 MHz RC
Oscillator
Energy Management
Internal LDO
Regulator
Brown-Out
Detector
Power-On Reset
8-bit SFR bus
Serial Interfaces
Timers and Triggers
Analog Interfaces
SPI
Pin Reset
Timer
0/1/2
PCA/PWM
Watchdog
Timer
ADC
Comparator 0
Internal
Voltage
Reference
16-bit CRC
Flash Program
Memory
(up to 16 KB)
RAM Memory
(2304 bytes)
Debug Interface
with C2
Lowest power mode with peripheral operational:
Idle
Normal
Shutdown
Suspend
Snooze
5 V-to 3.3 V LDO
Regulator
Timer 3/4
Comparator 1
USB
High Frequency
24.5 MHz RC
Oscillator
Pin Wakeup
External
Interrupts
General
Purpose I/O
I2C / SMBus
2 x UART
High-Speed I2C Slave
External CMOS
Oscillator
Low Frequency
RC Oscillator
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1


Similar Part No. - EFM8UB10F8G-C-QFN20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8UB10F8G-C-QFN20 SILABS-EFM8UB10F8G-C-QFN20 Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB10F8G-C-QFN20R SILABS-EFM8UB10F8G-C-QFN20R Datasheet
54Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8UB10F8G-C-QFN20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com