Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8LB10F16E-A-QFP32 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFM8LB10F16E-A-QFP32
Description  The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8LB10F16E-A-QFP32 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFM8LB10F16E-A-QFP32 Datasheet HTML 3Page - Silicon Laboratories EFM8LB10F16E-A-QFP32 Datasheet HTML 4Page - Silicon Laboratories EFM8LB10F16E-A-QFP32 Datasheet HTML 5Page - Silicon Laboratories EFM8LB10F16E-A-QFP32 Datasheet HTML 6Page - Silicon Laboratories EFM8LB10F16E-A-QFP32 Datasheet HTML 7Page - Silicon Laboratories EFM8LB10F16E-A-QFP32 Datasheet HTML 8Page - Silicon Laboratories EFM8LB10F16E-A-QFP32 Datasheet HTML 9Page - Silicon Laboratories EFM8LB10F16E-A-QFP32 Datasheet HTML 10Page - Silicon Laboratories EFM8LB10F16E-A-QFP32 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
3.4 Clocking
The CPU core and peripheral subsystem may be clocked by both internal and external oscillator resources. By default, the system
clock comes up running from the 24.5 MHz oscillator divided by 8.
The clock control system offers the following features:
• Provides clock to core and peripherals.
• 24.5 MHz internal oscillator (HFOSC0), accurate to ±2% over supply and temperature corners.
• 72 MHz internal oscillator (HFOSC1), accurate to ±2% over supply and temperature corners.
• 80 kHz low-frequency oscillator (LFOSC0).
• External Crystal / RC / C Oscillator.
• External CMOS clock input (EXTCLK).
• Clock divider with eight settings for flexible clock scaling:
• Divide the selected clock source by 1, 2, 4, 8, 16, 32, 64, or 128.
• HFOSC0 and HFOSC1 include 1.5x pre-scalers for further flexibility.
3.5 Counters/Timers and PWM
Programmable Counter Array (PCA0)
The programmable counter array (PCA) provides multiple channels of enhanced timer and PWM functionality while requiring less CPU
intervention than standard counter/timers. The PCA consists of a dedicated 16-bit counter/timer and one 16-bit capture/compare mod-
ule for each channel. The counter/timer is driven by a programmable timebase that has flexible external and internal clocking options.
Each capture/compare module may be configured to operate independently in one of five modes: Edge-Triggered Capture, Software
Timer, High-Speed Output, Frequency Output, or Pulse-Width Modulated (PWM) Output. Each capture/compare module has its own
associated I/O line (CEXn) which is routed through the crossbar to port I/O when enabled.
• 16-bit time base
• Programmable clock divisor and clock source selection
• Up to six independently-configurable channels
• 8, 9, 10, 11 and 16-bit PWM modes (center or edge-aligned operation)
• Output polarity control
• Frequency output mode
• Capture on rising, falling or any edge
• Compare function for arbitrary waveform generation
• Software timer (internal compare) mode
• Can accept hardware “kill” signal from comparator 0 or comparator 1
EFM8LB1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.4 | 6


Similar Part No. - EFM8LB10F16E-A-QFP32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB10F16E-B-QFN24 SILABS-EFM8LB10F16E-B-QFN24 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB10F16E-B-QFN24R SILABS-EFM8LB10F16E-B-QFN24R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB10F16E-B-QFN32 SILABS-EFM8LB10F16E-B-QFN32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB10F16E-B-QFN32R SILABS-EFM8LB10F16E-B-QFN32R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB10F16E-B-QFP32 SILABS-EFM8LB10F16E-B-QFP32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8LB10F16E-A-QFP32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
   Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com