Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP275-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP275-Q1
Description  Automotive Grade Temperature Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP275-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP275-Q1 Datasheet HTML 5Page - Texas Instruments TMP275-Q1 Datasheet HTML 6Page - Texas Instruments TMP275-Q1 Datasheet HTML 7Page - Texas Instruments TMP275-Q1 Datasheet HTML 8Page - Texas Instruments TMP275-Q1 Datasheet HTML 9Page - Texas Instruments TMP275-Q1 Datasheet HTML 10Page - Texas Instruments TMP275-Q1 Datasheet HTML 11Page - Texas Instruments TMP275-Q1 Datasheet HTML 12Page - Texas Instruments TMP275-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
TMP275-Q1
www.ti.com
SBOS760A – NOVEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TMP275-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Digital Temperature Output
The temperature register of the TMP275-Q1 is a 12-bit, read-only register that stores the output of the most
recent conversion. Two bytes must be read to obtain data, and are described in Table 5 and Table 6. Note that
byte 1 is the most significant byte and is followed by byte 2, the least significant byte. The first 12 bits are used to
indicate temperature, with all remaining bits equal to zero. The least significant byte does not have to be read if
that information is not needed. The data format for temperature is summarized in Table 1. Following power-up or
reset, the Temperature register reads 0°C until the first conversion is complete. The user can obtain 9, 10, 11, or
12 bits of resolution by addressing the Configuration register and setting the resolution bits accordingly. For 9-,
10-, or 11-bit resolution, the most significant bits (MSBs) in the Temperature register are used with the unused
least significant bits (LSBs) set to zero.
Table 1. Temperature Data Format
TEMPERATURE
(°C)
DIGITAL OUTPUT
BINARY
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
7.3.2 Serial Interface
The TMP275-Q1 operates only as a slave device on the SMBus, two-wire, and I2C interface-compatible bus.
Connections to the bus are made through the open-drain I/O lines SDA and SCL. The SDA and SCL pins feature
integrated spike-suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise.
The TMP275-Q1 supports the transmission protocol for fast (up to 400 kHz) and high-speed (up to 2.38 MHz)
modes. All data bytes are transmitted most significant bit (MSB) first.
7.3.3 Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions.
To address a specific device a START condition is initiated, indicated by pulling the data line (SDA) from a high
to a low logic level when SCL is high. All slaves on the bus shift in the slave address byte, with the last bit
indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being addressed
responds to the master by generating an Acknowledge bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an Acknowledge bit. During data
transfer, SDA must remain stable when SCL is high because any change in SDA when SCL is high is interpreted
as a control signal.
When all data are transferred, the master generates a STOP condition indicated by pulling SDA from low to high
when SCL is high.


Similar Part No. - TMP275-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP275 TI-TMP275 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275AID TI-TMP275AID Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275AIDG4 TI-TMP275AIDG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Similar Description - TMP275-Q1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA6N2NP02A473J230AA TDK-CGA6N2NP02A473J230AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA9N4NP02E154J230KN TDK-CGA9N4NP02E154J230KN Datasheet
239Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA2B2NP01H3R3C050BA TDK-CGA2B2NP01H3R3C050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H030C050BA TDK-CGA2B2NP01H030C050BA Datasheet
130Kb / 1P
   Automotive Grade ( High Temperature Application )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com