Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2006D1DRBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2006D1DRBR
Description  MONO Filter-free Class-D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2006D1DRBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2006D1DRBR Datasheet HTML 3Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 4Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 5Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 6Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 7Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 8Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 9Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 10Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
0.2
20
0.5
1
2
5
10
0.01
2
0.1
1
P -OutputPower-W
O
V
=4.2V
DD
V
=2.5V
DD
V
=3.6V
DD
R =4
,
f=1kHz,
Gain=2V/V
L
W
20
0.1
1
0.001
0.01
1
10
PowerOutput − W
0.1
R
=8
f=1kHz
L
W
2.5V
3.6V
5V
10
0
0.5
1
1.5
2
2.5
3
3.5
4
V
-SupplyVoltage-V
DD
THD+N=10%
THD+N=1%
R =4
,
f=1kHz,
Gain=2V/V
L
W
2.5
3
3.5
4
4.5
5
V
-SupplyV
DD
oltage-V
R =8
f=1kHz
L
W
Gain=2V/V
THD+N=1%
THD+N=10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
4
8
12
16
20
24
28
32
R -LoadResistance-
L
W
V
=3.6V
DD
V
=2.5V
DD
V
=4.2V
DD
V
=5V
DD
f=1kHz,
THD+N=10%,
Gain=2V/V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
4
8
12
16
20
24
28
32
R -LoadResistance-
L
W
f=1kHz,
THD+N=1%,
Gain=2V/V
V
=3.6V
DD
V
=2.5V
DD
V
=4.2V
DD
V
=5V
DD
TPA2006D1
www.ti.com
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Figure 8. Output Power vs Load Resistance
Figure 7. Output Power vs Load Resistance
Figure 9. Output Power vs Supply Voltage
Figure 10. Output Power vs Supply Voltage
Figure 11. Total Harmonic Distortion + Noise vs Output
Figure 12. Total Harmonic Distortion + Noise vs Output
Power
Power
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA2006D1


Similar Part No. - TPA2006D1DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1DRBR TI-TPA2006D1DRBR Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBRG4 TI-TPA2006D1DRBRG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
More results

Similar Description - TPA2006D1DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com