Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2011D1YFFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2011D1YFFT
Description  Mono Filter-Free Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2011D1YFFT Datasheet(HTML) 5 Page - Texas Instruments

  TPA2011D1YFFT Datasheet HTML 1Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 2Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 3Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 4Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 5Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 6Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 7Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 8Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPA2011D1
www.ti.com
SLOS626B – DECEMBER 2009 – REVISED NOVEMBER 2015
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
Class-D supply voltage
2.5
5.5
V
VIH
High-level input voltage
EN
1.3
V
VIL
Low-level input voltage
EN
0.35
V
RI
Input resistor
Gain
≤ 20 V/V (26 dB)
15
k
VIC
Common mode input voltage range
VDD = 2.5V, 5.5V, CMRR ≥ 49 dB
0.75
VDD-1.1
V
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
TPA2011D1
THERMAL METRIC(1)
YFF (DSBGA)
UNIT
9 PINS
RθJA
Junction-to-ambient thermal resistance
107
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
°C/W
RθJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
3.8
°C/W
ψJB
Junction-to-board characterization parameter
18
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
|VOS|
VI = 0 V, AV = 2 V/V, VDD = 2.5 V to 5.5 V
1
5
mV
differentially)
|IIH|
High-level input current
VDD = 5.5 V, VEN = 5.5 V
50
μA
|IIL|
Low-level input current
VDD = 5.5 V, VEN = 0 V
1
μA
VDD = 5.5 V, no load
1.8
2.5
I(Q)
Quiescent current
VDD = 3.6 V, no load
1.5
2.3
mA
VDD = 2.5 V, no load
1.3
2.1
I(SD)
Shutdown current
VEN = 0.35 V, VDD = 2.5 V to 5.5 V
0.1
2
μA
RO, SD
Output impedance in shutdown mode
VEN = 0.35 V
2
k
f(SW)
Switching frequency
VDD = 2.5 V to 5.5 V
250
300
350
kHz
AV
Gain
VDD = 2.5 V to 5.5 V, RI in kΩ
285/RI 300/RI
315/RI
V/V
REN
Resistance from EN to GND
300
k
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA2011D1


Similar Part No. - TPA2011D1YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2011D1YFFT TI-TPA2011D1YFFT Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFT TI1-TPA2011D1YFFT Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFT TI1-TPA2011D1YFFT Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
More results

Similar Description - TPA2011D1YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com