Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2011D1YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2011D1YFFT
Description  Mono Filter-Free Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2011D1YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2011D1YFFT Datasheet HTML 5Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 6Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 7Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 8Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 9Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 10Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 11Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 12Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 100 mW
PO = 500 mW
PO = 2 W
VDD = 5.0 V
RL = 4 Ω + 33 µH
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 50 mW
PO = 250 mW
PO = 1 W
VDD = 3.6 V
RL = 4 Ω + 33 µH
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 25 mW
PO = 125 mW
PO = 500 mW
VDD = 3.6 V
RL = 8 Ω + 33 µH
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 15 mW
PO = 75 mW
PO = 200 mW
VDD = 2.5 V
RL = 8 Ω + 33 µH
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 50 mW
PO = 250 mW
PO = 1 W
VDD = 5.0 V
RL = 8 Ω + 33 µH
Gain = 6 dB
TPA2011D1
www.ti.com
SLOS626B – DECEMBER 2009 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
VDD = 3.6 V, CI = 0.1 μF, CS1 = 0.1 μF, CS2 = 10 μF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
Figure 13. THD + Noise vs Output Power
Figure 14. THD + Noise vs Frequency
Figure 15. THD + Noise vs Frequency
Figure 16. THD + Noise vs Frequency
Figure 17. THD + Noise vs Frequency
Figure 18. THD + Noise vs Frequency
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA2011D1


Similar Part No. - TPA2011D1YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2011D1YFFT TI-TPA2011D1YFFT Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFT TI1-TPA2011D1YFFT Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFT TI1-TPA2011D1YFFT Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
More results

Similar Description - TPA2011D1YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com